Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFK64N50P Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXFK64N50P
Description  Polar Power MOSFET HiPerFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK64N50P Datasheet(HTML) 2 Page - IXYS Corporation

  IXFK64N50P Datasheet HTML 1Page - IXYS Corporation IXFK64N50P Datasheet HTML 2Page - IXYS Corporation IXFK64N50P Datasheet HTML 3Page - IXYS Corporation IXFK64N50P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
IXFK64N50P
IXFX64N50P
IXYS Reserves the Right to Change Limits, Test Conditions, and Dimensions.
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
g
fs
V
DS = 20V, ID = 0.5 • ID25, Note 1
30
50
S
C
iss
9700
nF
C
oss
V
GS = 0V, VDS = 25V, f = 1MHz
970
pF
C
rss
30
pF
t
d(on)
30
ns
t
r
25
ns
t
d(off)
85
ns
t
f
22
ns
Q
g(on)
150
nC
Q
gs
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
50
nC
Q
gd
50
nC
R
thJC
0.15
°C/W
R
thCS
0.15
°C/W
Source-Drain Diode
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
I
S
V
GS = 0V
64
A
I
SM
Repetitive, Pulse Width Limited by T
JM
250
A
V
SD
I
F = 64A, VGS = 0V, Note 1
1.5
V
t
rr
200 nS
Q
RM
0.6
μC
I
RM
6.0
A
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2
7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Note 1: Pulse Test, t
≤ 300μs; Duty Cycle, d ≤ 2%.
Resistive Switching Times
V
GS = 10V, VDS = 0.5 • VDSS, ID = 0.5 • ID25
R
G = 2Ω (External)
I
F = 25A, -di/dt = 100A/μs
V
R = 100V, VGS = 0V
Terminals: 1 - Gate
2 - Drain (Collector)
3 - Source (Emitter)
4 - Drain (Collector)
PLUS 247TM (IXFX) Outline
TO-264 (IXFK) Outline
Dim.
Millimeter
Inches
Min.
Max.
Min. Max.
A
4.83
5.21
.190
.205
A
1
2.29
2.54
.090
.100
A
2
1.91
2.16
.075
.085
b
1.14
1.40
.045
.055
b
1
1.91
2.13
.075
.084
b
2
2.92
3.12
.115
.123
C
0.61
0.80
.024
.031
D
20.80 21.34
.819
.840
E
15.75 16.13
.620
.635
e
5.45 BSC
.215 BSC
L
19.81 20.32
.780
.800
L1
3.81
4.32
.150
.170
Q
5.59
6.20
.220 0.244
R
4.32
4.83
.170
.190



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com