Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXFK64N50P Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXFK64N50P
Description  Polar Power MOSFET HiPerFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXFK64N50P Datasheet(HTML) 1 Page - IXYS Corporation

  IXFK64N50P Datasheet HTML 1Page - IXYS Corporation IXFK64N50P Datasheet HTML 2Page - IXYS Corporation IXFK64N50P Datasheet HTML 3Page - IXYS Corporation IXFK64N50P Datasheet HTML 4Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
© 2009 IXYS CORPORATION, All Rights Reserved
Symbol
Test Conditions
Maximum Ratings
V
DSS
T
J
= 25
°C to 150°C
500
V
V
DGR
T
J
= 25
°C to 150°C, R
GS = 1MΩ
500
V
V
GSS
Continuous
±30
V
V
GSM
Transient
±40
V
I
D25
T
C = 25°C64
A
I
DM
T
C = 25°C, Pulse Width Limited by TJM
150
A
I
A
T
C = 25°C
64
A
E
AS
T
C = 25°C
2.5
J
dV/dt
I
S
≤ I
DM, VDD ≤ VDSS, TJ ≤ 150°C
20
V/ns
P
D
T
C = 25°C
830
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from Case for 10s
300
°C
T
SOLD
Plastic Body for 10s
260
°C
M
d
Mounting Force
(PLUS247)
20..120/4.5..27
N/lb.
Mounting Torque
(TO-264)
1.13/10
Nm/lb.in.
Weight
PLUS247
6
g
TO-264
10
g
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
DSS
V
GS = 0V, ID = 250μA
500
V
V
GS(th)
V
DS = VGS, ID = 8mA
3.0
5.5
V
I
GSS
V
GS = ±30V, VDS = 0V
±200 nA
I
DSS
V
DS = VDSS, VGS= 0V
25
μA
T
J = 125°C
1 mA
R
DS(on)
V
GS = 10V, ID = 0.5 • ID25, Note 1
85 m
Ω
PolarTM Power MOSFET
HiPerFETTM
N-Channel Enhancement Mode
Avalanche Rated
Fast Intrisic Diode
IXFK64N50P
IXFX64N50P
V
DSS
= 500V
I
D25
= 64A
R
DS(on) ≤
≤≤≤≤ 85mΩ
Ω
Ω
Ω
Ω
DS99348F(5/09)
t
rr
≤≤≤≤≤ 200ns
Features
• International Standard Packages
• Fast Intrinsic Diode
• Avalanche Rated
• Low R
DS(ON)
and Q
G
• Low Package Inductance
Advantages
Easy to Mount
Space Savings
High Power Density
Applications
• DC-DC Coverters
• Battery Chargers
• Switched-Mode and Resonant-Mode
Power Supplies
• DC Choppers
• AC and DC Motor Drives
• Uninterrupted Power Supplies
• High Speed Power Switching
Applications
G = Gate
D
= Drain
S = Source
TAB = Drain
(TAB)
G
D
S
TO-264 (IXFK)
PLUS247 (IXFX)
(TAB)


Similar Part No. - IXFK64N50P

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
IXFK64N50P ISC-IXFK64N50P Datasheet
328Kb / 2P
isc N-Channel MOSFET Transistor
More results

Similar Description - IXFK64N50P

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH18N90P IXYS-IXFH18N90P Datasheet
203Kb / 5P
Polar Power MOSFET HiPerFET
IXFH24N90P IXYS-IXFH24N90P Datasheet
128Kb / 4P
Polar Power MOSFET HiPerFET
IXFK40N90P IXYS-IXFK40N90P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFA12N50P IXYS-IXFA12N50P Datasheet
150Kb / 5P
Polar Power MOSFET HiperFET
IXFH170N10P IXYS-IXFH170N10P Datasheet
146Kb / 5P
Polar HiperFET Power MOSFET
IXFB30N120P IXYS-IXFB30N120P Datasheet
147Kb / 5P
Polar HiPerFET Power MOSFET
IXFK30N110P IXYS-IXFK30N110P Datasheet
121Kb / 4P
Polar Power MOSFET HiPerFET
IXFK32N100P IXYS-IXFK32N100P Datasheet
124Kb / 4P
Polar Power MOSFET HiPerFET
IXFN30N120P IXYS-IXFN30N120P Datasheet
114Kb / 4P
Polar Power MOSFET HiPerFET
IXFN40N110P IXYS-IXFN40N110P Datasheet
116Kb / 4P
Polar Power MOSFET HiPerFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com