Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1769 Datasheet(PDF) 39 Page - NXP Semiconductors

Part # LPC1769
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1769 Datasheet(HTML) 39 Page - NXP Semiconductors

Back Button LPC1769 Datasheet HTML 35Page - NXP Semiconductors LPC1769 Datasheet HTML 36Page - NXP Semiconductors LPC1769 Datasheet HTML 37Page - NXP Semiconductors LPC1769 Datasheet HTML 38Page - NXP Semiconductors LPC1769 Datasheet HTML 39Page - NXP Semiconductors LPC1769 Datasheet HTML 40Page - NXP Semiconductors LPC1769 Datasheet HTML 41Page - NXP Semiconductors LPC1769 Datasheet HTML 42Page - NXP Semiconductors LPC1769 Datasheet HTML 43Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 79 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 5 April 2011
39 of 79
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
7.30 System control
7.30.1 Reset
Reset has four sources on the LPC17xx: the RESET pin, the Watchdog reset, power-on
reset (POR), and the BrownOut Detection (BOD) circuit. The RESET pin is a Schmitt
trigger input pin. Assertion of chip Reset by any source, once the operating voltage attains
a usable level, causes the RSTOUT pin to go LOW and starts the wake-up timer (see
description in Section 7.29.5). The wake-up timer ensures that reset remains asserted
until the external Reset is de-asserted, the oscillator is running, a fixed number of clocks
have passed, and the flash controller has completed its initialization. Once reset is
de-asserted, or, in case of a BOD-triggered reset, once the voltage rises above the BOD
threshold, the RSTOUT pin goes HIGH.
When the internal Reset is removed, the processor begins executing at address 0, which
is initially the Reset vector mapped from the Boot Block. At that point, all of the processor
and peripheral registers have been initialized to predetermined values.
Fig 6.
Power distribution
REAL-TIME CLOCK
BACKUP REGISTERS
REGULATOR
32 kHz
OSCILLATOR
RTC POWER DOMAIN
MAIN POWER DOMAIN
002aad978
RTCX1
VBAT
VDD(REG)(3V3)
RTCX2
VDD(3V3)
VSS
to memories,
peripherals,
oscillators,
PLLs
to core
to I/O pads
ADC
DAC
ADC POWER DOMAIN
VDDA
VREFP
VREFN
VSSA
LPC17xx
ULTRA LOW-POWER
REGULATOR
POWER
SELECTOR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com