Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LPC1769 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # LPC1769
Description  32-bit ARM Cortex-M3 microcontroller; up to 512 kB flash and 64 kB SRAM with Ethernet
PDF  79 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

LPC1769 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button LPC1769 Datasheet HTML 9Page - NXP Semiconductors LPC1769 Datasheet HTML 10Page - NXP Semiconductors LPC1769 Datasheet HTML 11Page - NXP Semiconductors LPC1769 Datasheet HTML 12Page - NXP Semiconductors LPC1769 Datasheet HTML 13Page - NXP Semiconductors LPC1769 Datasheet HTML 14Page - NXP Semiconductors LPC1769 Datasheet HTML 15Page - NXP Semiconductors LPC1769 Datasheet HTML 16Page - NXP Semiconductors LPC1769 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 79 page
background image
LPC1769_68_67_66_65_64_63
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 7 — 5 April 2011
13 of 79
NXP Semiconductors
LPC1769/68/67/66/65/64/63
32-bit ARM Cortex-M3 microcontroller
P1[23]/MCI1/
PWM1[4]/MISO0
37[1]
K5[1]
I/O
P1[23] — General purpose digital input/output pin.
I
MCI1 — Motor control PWM channel 1, input. Also Quadrature
Encoder Interface PHB input.
O
PWM1[4] — Pulse Width Modulator 1, channel 4 output.
I/O
MISO0 — Master In Slave Out for SSP0.
P1[24]/MCI2/
PWM1[5]/MOSI0
38[1]
H5[1]
I/O
P1[24] — General purpose digital input/output pin.
I
MCI2 — Motor control PWM channel 2, input. Also Quadrature
Encoder Interface INDEX input.
O
PWM1[5] — Pulse Width Modulator 1, channel 5 output.
I/O
MOSI0 — Master Out Slave in for SSP0.
P1[25]/MCOA1/
MAT1[1]
39[1]
G5[1]
I/O
P1[25] — General purpose digital input/output pin.
O
MCOA1 — Motor control PWM channel 1, output A.
O
MAT1[1] — Match output for Timer 1, channel 1.
P1[26]/MCOB1/
PWM1[6]/CAP0[0]
40[1]
K6[1]
I/O
P1[26] — General purpose digital input/output pin.
O
MCOB1 — Motor control PWM channel 1, output B.
O
PWM1[6] — Pulse Width Modulator 1, channel 6 output.
I
CAP0[0] — Capture input for Timer 0, channel 0.
P1[27]/CLKOUT
/USB_OVRCR/
CAP0[1]
43[1]
K7[1]
I/O
P1[27] — General purpose digital input/output pin.
O
CLKOUT — Clock output pin.
I
USB_OVRCR — USB port Over-Current status. (LPC1769/68/66/65
only).
I
CAP0[1] — Capture input for Timer 0, channel 1.
P1[28]/MCOA2/
PCAP1[0]/
MAT0[0]
44[1]
J7[1]
I/O
P1[28] — General purpose digital input/output pin.
O
MCOA2 — Motor control PWM channel 2, output A.
I
PCAP1[0] — Capture input for PWM1, channel 0.
O
MAT0[0] — Match output for Timer 0, channel 0.
P1[29]/MCOB2/
PCAP1[1]/
MAT0[1]
45[1]
G6[1]
I/O
P1[29] — General purpose digital input/output pin.
O
MCOB2 — Motor control PWM channel 2, output B.
I
PCAP1[1] — Capture input for PWM1, channel 1.
O
MAT0[1] — Match output for Timer 0, channel 1.
P1[30]/VBUS/
AD0[4]
21[2]
H1[2]
I/O
P1[30] — General purpose digital input/output pin.
I
VBUS — Monitors the presence of USB bus power.
(LPC1769/68/66/65/64 only).
Note: This signal must be HIGH for USB reset to occur.
I
AD0[4] — A/D converter 0, input 4.
P1[31]/SCK1/
AD0[5]
20[2]
F4[2]
I/O
P1[31] — General purpose digital input/output pin.
I/O
SCK1 — Serial Clock for SSP1.
I
AD0[5] — A/D converter 0, input 5.
P2[0] to P2[31]
I/O
Port 2: Port 2 is a 32-bit I/O port with individual direction controls for
each bit. The operation of port 2 pins depends upon the pin function
selected via the pin connect block. Pins 14 through 31 of this port are
not available.
Table 4.
Pin description …continued
Symbol
Pin
Ball
Type
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com