Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 2 Page - NXP Semiconductors

  PCF2123 Datasheet HTML 1Page - NXP Semiconductors PCF2123 Datasheet HTML 2Page - NXP Semiconductors PCF2123 Datasheet HTML 3Page - NXP Semiconductors PCF2123 Datasheet HTML 4Page - NXP Semiconductors PCF2123 Datasheet HTML 5Page - NXP Semiconductors PCF2123 Datasheet HTML 6Page - NXP Semiconductors PCF2123 Datasheet HTML 7Page - NXP Semiconductors PCF2123 Datasheet HTML 8Page - NXP Semiconductors PCF2123 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
2 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
4.
Ordering information
[1]
Unsawn wafer.
[2]
Sawn 6 inch wafer on Film Frame Carrier (FFC) for 6 inch wafer, see Figure 37 on page 53.
[3]
Sawn 6 inch wafer with gold bumps on Film Frame Carrier (FFC) for 8 inch wafer, see Figure 38 on page 53.
5.
Marking
Table 1.
Ordering information
Type number
Package
Name
Description
Version
PCF2123BS/1
HVQFN16
plastic thermal enhanced very thin quad flat package;
no leads; 16 terminals; body 3
× 3 × 0.85 mm
SOT758-1
PCF2123TS/1
TSSOP14
plastic thin shrink small outline package; 14 leads;
body width 4.4 mm
SOT402-1
PCF2123U/5GA/1
wire bond die
12 bonding pads[1]
PCF2123U/10
PCF2123U/10AA/1
wire bond die
12 bonding pads[2]
PCF2123U/10
PCF2123U/12AA/1
WLCSP12
wafer level chip size package; 12 bumps[3]
PCF2123U/12
PCF2123U/12HA/1
WLCSP12
wafer level chip size package; 12 bumps[3]
PCF2123U/12
Table 2.
Marking codes
Type number
Marking code
PCF2123BS/1
123
PCF2123TS/1
PCF2123
PCF2123U/5GA/1
PC2123-1
PCF2123U/10AA/1
PC2123-1
PCF2123U/12AA/1
PC2123-1
PCF2123U/12HA/1
PC2123-1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com