Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF2123 Datasheet(PDF) 12 Page - NXP Semiconductors

Part # PCF2123
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF2123 Datasheet(HTML) 12 Page - NXP Semiconductors

Back Button PCF2123 Datasheet HTML 8Page - NXP Semiconductors PCF2123 Datasheet HTML 9Page - NXP Semiconductors PCF2123 Datasheet HTML 10Page - NXP Semiconductors PCF2123 Datasheet HTML 11Page - NXP Semiconductors PCF2123 Datasheet HTML 12Page - NXP Semiconductors PCF2123 Datasheet HTML 13Page - NXP Semiconductors PCF2123 Datasheet HTML 14Page - NXP Semiconductors PCF2123 Datasheet HTML 15Page - NXP Semiconductors PCF2123 Datasheet HTML 16Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
12 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
8.4 Time and date function
The majority of the registers are coded in the Binary Coded Decimal (BCD) format. BCD is
used to simplify application use. An example is shown for the seconds in Table 9.
8.4.1 Register Seconds
[1]
Default value.
8.4.1.1
OS flag
The PCF2123 includes a flag (OS in register Seconds, see Table 8) which is set whenever
the oscillator is stopped (see Figure 8 and Figure 9). The flag will remain set until cleared
by software. If the flag cannot be cleared, then the PCF2123 oscillator is not running. This
method can be used to monitor the oscillator and to determine if the supply voltage has
reduced to the point where oscillation fails.
Table 8.
Seconds - seconds register (address 02h) bit description
Bit
Symbol
Value
Place value Description
7
OS
0
-
clock integrity is guaranteed
1[1]
-
clock integrity is not guaranteed;
oscillator has stopped or has
been interrupted
6 to 4
SECONDS
0 to 5
ten’s place
actual seconds coded in BCD
format, see Table 9
3 to 0
0 to 9
unit place
Table 9.
Seconds coded in BCD format
Seconds value
(decimal)
Upper-digit (ten’s place)
Digit (unit place)
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
00
0000
0000
01
0000
0001
02
0000
0010
:
::::
::::
09
0000
1001
10
0001
0000
:
::::
::::
58
0101
1000
59
0101
1001
Fig 8.
OS set by failing VDD
001aai561
VDD
VOSC(MIN)
t
battery operation
main supply



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com