Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF210AA Datasheet(PDF) 49 Page - NXP Semiconductors

Part # PCF210AA
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF210AA Datasheet(HTML) 49 Page - NXP Semiconductors

Back Button PCF210AA Datasheet HTML 45Page - NXP Semiconductors PCF210AA Datasheet HTML 46Page - NXP Semiconductors PCF210AA Datasheet HTML 47Page - NXP Semiconductors PCF210AA Datasheet HTML 48Page - NXP Semiconductors PCF210AA Datasheet HTML 49Page - NXP Semiconductors PCF210AA Datasheet HTML 50Page - NXP Semiconductors PCF210AA Datasheet HTML 51Page - NXP Semiconductors PCF210AA Datasheet HTML 52Page - NXP Semiconductors PCF210AA Datasheet HTML 53Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
49 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
Fig 34. Bare die outline PCF2123U/12 of PCF2123U/12AA/1 and PCF2123U/12HA/1 (for dimensions see Table 47)
References
Outline
version
European
projection
Issue date
IEC
JEDEC
JEITA
PCF2123U/12
- - -
- - -
- - -
pcf2123u_12_do
10-07-13
11-04-06
WLCSP12: wafer level chip size package; 12 bumps.
PCF2123U/12
0
0.5
1 mm
scale
X
detail Y
P2
P1
P4
P3
detail X
A1
A2
A
Y
0
x
0
y
D
E
e
e
PC2123-1
7
8
9
10
11
12
6
5
4
3
2
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com