Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PCF210AA Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCF210AA
Description  SPI Real time clock/calendar Time keeping application
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCF210AA Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCF210AA Datasheet HTML 9Page - NXP Semiconductors PCF210AA Datasheet HTML 10Page - NXP Semiconductors PCF210AA Datasheet HTML 11Page - NXP Semiconductors PCF210AA Datasheet HTML 12Page - NXP Semiconductors PCF210AA Datasheet HTML 13Page - NXP Semiconductors PCF210AA Datasheet HTML 14Page - NXP Semiconductors PCF210AA Datasheet HTML 15Page - NXP Semiconductors PCF210AA Datasheet HTML 16Page - NXP Semiconductors PCF210AA Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 63 page
background image
PCF2123
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 5 — 27 April 2011
13 of 63
NXP Semiconductors
PCF2123
SPI Real time clock/calendar
The oscillator may be stopped, for example, by grounding one of the oscillator pins, OSCI
or OSCO. The oscillator is also considered to be stopped during the time between
power-on and stable crystal resonance. This time may be in the range of 200 ms to 2 s
depending on crystal type, temperature and supply voltage. At power-on the OS flag is
always set.
8.4.2 Register Minutes
8.4.3 Register Hours
[1]
Hour mode is set by the 12_24 bit in register Control_1.
Fig 9.
OS flag
001aai553
OS = 1 and flag can not be cleared
OS = 1 and flag can be cleared
OS flag cleared
by software
OS flag set when
oscillation stops
oscillation now stable
t
VDD
oscillation
OS flag
Table 10.
Minutes - minutes register (address 03h) bit description
Bit
Symbol
Value
Place value Description
7
-
-
-
unused
6 to 4
MINUTES
0 to 5
ten’s place
actual minutes coded in BCD
format
3 to 0
0 to 9
unit place
Table 11.
Hours - hours register (address 04h) bit description
Bit
Symbol
Value
Place value Description
7 to 6
-
-
-
unused
12 hour mode[1]
5
AMPM
0
-
indicates AM
1
-
indicates PM
4
HOURS
0 to 1
ten’s place
actual hours in 12 hour mode
coded in BCD format
3to0
0to 9
unit place
24 hour mode[1]
5 to 4
HOURS
0 to 2
ten’s place
actual hours in 24 hour mode
coded in BCD format
3to0
0to 9
unit place



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com