Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP30N60C3 Datasheet(PDF) 1 Page - IXYS Corporation

Part # IXGP30N60C3
Description  GenX3 600V IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP30N60C3 Datasheet(HTML) 1 Page - IXYS Corporation

  IXGP30N60C3 Datasheet HTML 1Page - IXYS Corporation IXGP30N60C3 Datasheet HTML 2Page - IXYS Corporation IXGP30N60C3 Datasheet HTML 3Page - IXYS Corporation IXGP30N60C3 Datasheet HTML 4Page - IXYS Corporation IXGP30N60C3 Datasheet HTML 5Page - IXYS Corporation IXGP30N60C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
© 2008 IXYS CORPORATION, All rights reserved
GenX3TM 600V IGBT
Symbol
Test Conditions
Maximum Ratings
V
CES
T
C = 25°C to 150°C
600
V
V
CGR
T
J = 25°C to 150°C, RGE = 1MΩ
600
V
V
GES
Continuous
± 20
V
V
GEM
Transient
± 30
V
I
C25
T
C = 25°C
60
A
I
C110
T
C = 110°C
30
A
I
CM
T
C = 25°C, 1ms
150
A
SSOA
V
GE = 15V, TVJ = 125°C, RG = 5Ω
I
CM =
60
A
(RBSOA)
Clamped inductive load @
≤ 600V
P
C
T
C = 25°C
220
W
T
J
-55 ... +150
°C
T
JM
150
°C
T
stg
-55 ... +150
°C
T
L
1.6mm (0.062 in.) from case for 10s
300
°C
T
SOLD
Plastic body for 10 seconds
260
°C
M
d
Mounting torque (TO-220 & TO-247)
1.13/10
Nm/lb.in.
Weight
TO-220
2.5
g
TO-263
3.0
g
TO-263
3.0
g
DS100012A(11/08)
IXGA30N60C3
IXGP30N60C3
IXGH30N60C3
G = Gate
C
= Collector
E = Emitter
TAB = Collector
Symbol Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
BV
CES
I
C = 250μA, VGE = 0V
600
V
V
GE(th)
I
C = 250μA, VCE = VGE
3.5
5.5
V
I
CES
V
CE = VCES
15
μA
V
GE = 0V
T
J = 125°C
300
μA
I
GES
V
CE = 0V, VGE = ± 20V
±100 nA
V
CE(sat)
I
C = 20A, VGE = 15V, Note 1
2.6
3.0
V
T
J = 125°C
1.8
V
V
CES
= 600V
I
C110
= 30A
V
CE(sat) ≤
≤≤≤≤ 3.0V
t
fi(typ)
= 47ns
High Speed PT IGBTs for
40-100kHz switching
Features
Optimized for low switching losses
Square RBSOA
International standard packages
Advantages
High power density
Low gate drive requirement
Applications
High Frequency Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
TO-247 (IXGH)
G
C
E
C (TAB)
TO-263 (IXGA)
G
E
C(TAB)
TO-220 (IXGP)
G
E
C
C(TAB)


Similar Part No. - IXGP30N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGP30N60C3 IXYS-IXGP30N60C3 Datasheet
839Kb / 4P
600V GenX3 IGBTs next generation 600V IGBTs for power conversion applications
IXGP30N60C3C1 IXYS-IXGP30N60C3C1 Datasheet
294Kb / 7P
GenX3TM 600V IGBT w/ SiC Anti-Parallel Diode
IXGP30N60C3D4 IXYS-IXGP30N60C3D4 Datasheet
294Kb / 7P
GenX3 600V IGBT With Diode
More results

Similar Description - IXGP30N60C3

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXGA36N60A3 IXYS-IXGA36N60A3 Datasheet
227Kb / 6P
GenX3 600V IGBT
IXGA48N60A3 IXYS-IXGA48N60A3 Datasheet
228Kb / 6P
GenX3 600V IGBT
IXGA48N60C3 IXYS-IXGA48N60C3 Datasheet
229Kb / 6P
GenX3 600V IGBT
IXGB200N60B3 IXYS-IXGB200N60B3 Datasheet
204Kb / 6P
GenX3 600V IGBT
IXGH56N60A3 IXYS-IXGH56N60A3 Datasheet
183Kb / 6P
GenX3 600V IGBT
IXGH56N60B3 IXYS-IXGH56N60B3 Datasheet
187Kb / 6P
GenX3 600V IGBT
IXGH56N60B3D1 IXYS-IXGH56N60B3D1 Datasheet
206Kb / 7P
GenX3 600V IGBT
IXGH60N60C3 IXYS-IXGH60N60C3 Datasheet
171Kb / 6P
GenX3 600V IGBT
IXGH64N60A3 IXYS-IXGH64N60A3 Datasheet
200Kb / 6P
GenX3 600V IGBT
IXGH90N60B3 IXYS-IXGH90N60B3 Datasheet
180Kb / 6P
GenX3 600V IGBT
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com