Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

IXGP30N60C3 Datasheet(PDF) 2 Page - IXYS Corporation

Part # IXGP30N60C3
Description  GenX3 600V IGBT
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXGP30N60C3 Datasheet(HTML) 2 Page - IXYS Corporation

  IXGP30N60C3 Datasheet HTML 1Page - IXYS Corporation IXGP30N60C3 Datasheet HTML 2Page - IXYS Corporation IXGP30N60C3 Datasheet HTML 3Page - IXYS Corporation IXGP30N60C3 Datasheet HTML 4Page - IXYS Corporation IXGP30N60C3 Datasheet HTML 5Page - IXYS Corporation IXGP30N60C3 Datasheet HTML 6Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
IXYS reserves the right to change limits, test conditions and dimensions.
IXGA30N60C3 IXGP30N60C3
IXGH30N60C3
Symbol
Test Conditions
Characteristic Values
(T
J = 25°C unless otherwise specified)
Min.
Typ.
Max.
g
fs
I
C = 20A, VCE = 10V, Note 1
9
16
S
C
ies
915
pF
C
oes
V
CE = 25V, VGE = 0V, f = 1MHz
78
pF
C
res
32
pF
Q
g
38
nC
Q
ge
I
C = 20A, VGE = 15V, VCE = 0.5 • VCES
8
nC
Q
gc
17
nC
t
d(on)
16
ns
t
ri
26
ns
E
on
0.27
mJ
t
d(off)
42
75
ns
t
fi
47
ns
E
off
0.09
0.18
mJ
t
d(on)
17
ns
t
ri
28
ns
E
on
0.44
mJ
t
d(off)
70
ns
t
fi
90
ns
E
off
0.33
mJ
R
thJC
0.56 °C/W
R
thCS
TO-220
0.50
°C/W
TO-247
0.21
°C/W
Note 1: Pulse test, t
≤ 300μs; duty cycle, d ≤ 2%.
IXYS MOSFETs and IGBTs are covered
4,835,592
4,931,844
5,049,961
5,237,481
6,162,665
6,404,065 B1
6,683,344
6,727,585
7,005,734 B2 7,157,338B2
by one or more of the following U.S. patents: 4,850,072
5,017,508
5,063,307
5,381,025
6,259,123 B1
6,534,343
6,710,405 B2 6,759,692
7,063,975 B2
4,881,106
5,034,796
5,187,117
5,486,715
6,306,728 B1
6,583,505
6,710,463
6,771,478 B2 7,071,537
Inductive Load, T
J = 25°C
I
C = 20A, VGE = 15V
V
CE = 300V, RG = 5Ω
Inductive Load, T
J = 125°C
I
C = 20A, VGE = 15V
V
CE = 300V, RG = 5Ω
TO-263 (IXGA) Outline
Pins:
1 - Gate
2 - Drain
3 - Source
4 - Drain
TO-220 (IXGP) Outline
TO-247 (IXGH) AD Outline
1 = Gate
2 = Collector
3 = Emitter
Tab = Collector



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com