Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566C-RFS-CT0W0BB1 Datasheet(PDF) 1 Page - Cree, Inc

Part # C566C-RFS-CT0W0BB1
Description  5mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566C-RFS-CT0W0BB1 Datasheet(HTML) 1 Page - Cree, Inc

  C566C-RFS-CT0W0BB1 Datasheet HTML 1Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 2Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 3Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 4Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 5Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 6Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 7Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 8Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1
Subject to change without notice.
www.cree.com/ledlamps
Cree® 5mm Oval LED
C566C-RFS/GFS/BFS/AFS
C566C-RFN/GFN/BFN/AFN
This oval LED is specifically designed for variable-message signs and
passenger-information signs. The oval-shaped radiation pattern and high
luminous intensity ensure that these devices are excellent for wide-field-
of-view outdoor applications where a wide viewing angle and readability in
sunlight are essential.
These lamps are tinted and diffused. The encapsulation resin contains anti-
UV material in order to reduce the effects of long-term exposure to direct
sunlight.
FEATURES
•
Size (mm): 5
•
Color and Typical Dominant Wavelength (nm):
»
Red(621)
»
Green (527)
»
Blue (470)
»
Amber (591)
•
Luminous Intensity (mcd)
»
Red (1100-4180)
»
Green (2130-12000)
»
Blue (770-4180)
»
Amber (1520-4180)
•
Viewing Angle: 70 x 35 degree
•
Lead-Free
•
RoHS-Compliant
APPLICATIONS
•
Electronic Signs & Signals (ESS)
•
Full-Color Video Screen
•
Motorway Signs
•
Variable-Message Sign (VMS)
•
Advertising Signs
•
Petrol Signs


Similar Part No. - C566C-RFS-CT0W0BB1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
C566C-RFS-CT0W0BB1 MARKTECH-C566C-RFS-CT0W0BB1 Datasheet
652Kb / 10P
Cree짰 5mm Oval LED
More results

Similar Description - C566C-RFS-CT0W0BB1

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
LO568RGY2-80Q-A MARKTECH-LO568RGY2-80Q-A Datasheet
25Kb / 2P
5mm Oval Green/Amber LED
logo
Cree, Inc
C566C-GFS CREE-C566C-GFS Datasheet
313Kb / 6P
5mm Oval LED
logo
Marktech Corporate
C566C-RFS MARKTECH-C566C-RFS Datasheet
652Kb / 10P
Cree짰 5mm Oval LED
C566C MARKTECH-C566C Datasheet
652Kb / 10P
5mm Oval LED
C566C MARKTECH-C566C_15 Datasheet
652Kb / 10P
5mm Oval LED
logo
Inolux Corporation
HTOV511040XX INOLUX-HTOV511040XX Datasheet
596Kb / 10P
5mm Oval Lamp
logo
TT Electronics.
OVLHBKD8 TTELEC-OVLHBKD8 Datasheet
663Kb / 4P
Oval Blue LED Lamp (5mm)
OVLHGKD8 TTELEC-OVLHGKD8 Datasheet
667Kb / 4P
Oval Green LED Lamp (5mm)
OVLHQKD8 TTELEC-OVLHQKD8 Datasheet
663Kb / 4P
Oval Orange LED Lamp (5mm)
OVLHRKD8 TTELEC-OVLHRKD8 Datasheet
662Kb / 4P
Oval Red LED Lamp (5mm)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com