Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

C566C-RFS-CT0W0BB1 Datasheet(PDF) 10 Page - Cree, Inc

Part # C566C-RFS-CT0W0BB1
Description  5mm Oval LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

C566C-RFS-CT0W0BB1 Datasheet(HTML) 10 Page - Cree, Inc

Back Button C566C-RFS-CT0W0BB1 Datasheet HTML 2Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 3Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 4Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 5Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 6Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 7Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 8Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 9Page - Cree, Inc C566C-RFS-CT0W0BB1 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 10 / 10 page
background image
10
CLD-CT943.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and the
Cree logo are registered trademarks of Cree, Inc.
Package
Features:
• The LEDs are packed in cardboard boxes after packaging in normal or anti-electrostatic bags.
• Cardboard boxes will be used to protect the LEDs from mechanical shock during transportation.
• The boxes are not water-resistant, and they must be kept away from water and moisture.
• There are two types of packaging: bulk pack and ammo pack.
• Max 500 pcs per bulk and max 2500 pcs per ammo.
Bulk Pack Packaging Type:
20 bags/carton
Label
COLOR LED LAMP
JOWAXXXXX -XX-XXX
AXXXXXXXXXXX
(anti-electrostatic
bag)
Hue
TYPE
QTY
RANK
LOT
Iv
xxx xxx
Vf
(
)
XX
(
)
LXXXXXXXX-XXX
PCS
X
(
)
XX
R
Ammo Pack Packaging Type:
TYPE
LXXXXXXXX-XXX
PCS
X
QTY
RANK
LOT
Iv
JOWAXXXXX -XX-XXX
XX
AXXXXXXXXXXX
XX
Vf
Hue
(
)
(
)
(
)
xxx xxx
COLOR LED LAMP
ANODE



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com