Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP6C-RKW-CYBA0AA3 Datasheet(PDF) 2 Page - Cree, Inc

Part # CLP6C-RKW-CYBA0AA3
Description  PLCC6 3-in-1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLP6C-RKW-CYBA0AA3 Datasheet(HTML) 2 Page - Cree, Inc

  CLP6C-RKW-CYBA0AA3 Datasheet HTML 1Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 2Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 3Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 4Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 5Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 6Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 7Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
2
CLD-CT1183.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Absolute Maximum Ratings (T
A = 25°C)
Items
Symbol
Absolute Maximum Rating
Unit
Red/Amber
Forward Current
I
F
3 x 80
mA
Peak Forward Current Note
I
FP
3 x 200
mA
Reverse Voltage
V
R
5
V
Power Dissipation
P
D
3 x 240
mW
Operation Temperature
T
opr
-40 ~ +100
°C
Storage Temperature
T
stg
-40 ~ +100
°C
Junction Temperature
T
J
110
°C
Junction/Ambient
R
THJA
3 x 250
°C/W
Junction/Solder Point
R
THJS
3 x 150
°C/W
Electrostatic Discharge
Classification(MIL-STD-883E)
ESD
Class 2
Note:
1. Pulsewidth≤0.1msec,duty≤1/10.
Typical Electrical & Optical Characteristics (T
A = 25°C)
Characteristics
Color
Symbol
Condition
Unit
Minimum
Typical
Maximum
Forward Voltage
Red/Amber
V
F
I
F = 50 mA
V
2.4
3.0
Reverse Current
Red/Amber
I
R
V
R = 5 V
μA
10
Dominant Wavelength
Red
λ
D
I
F = 3 x 50 mA
nm
618
624
630
Amber
λ
D
I
F = 3 x 50 mA
nm
584
591
596
Luminous Intensity
Red
I
V
I
F = 3 x 50 mA
mcd
3550
4800
Amber
I
V
I
F =3 x 50 mA
mcd
3550
5000
50% Power Angle
Red/Amber
2θ½
I
F = 3 x 50 mA
deg
120



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com