Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CLP6C-RKW-CYBA0AA3 Datasheet(PDF) 3 Page - Cree, Inc

Part # CLP6C-RKW-CYBA0AA3
Description  PLCC6 3-in-1 SMD LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CLP6C-RKW-CYBA0AA3 Datasheet(HTML) 3 Page - Cree, Inc

  CLP6C-RKW-CYBA0AA3 Datasheet HTML 1Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 2Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 3Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 4Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 5Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 6Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 7Page - Cree, Inc CLP6C-RKW-CYBA0AA3 Datasheet HTML 8Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
3
CLD-CT1183.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Intensity Bin Limit (I
F = 3 x 50 mA)
Red (CLP6C-RKW)
Bin Code
Min. (mcd)
Max. (mcd)
Yb
3550
4500
Z0
4500
5600
A0
5600
7100
Color Bin Limit (I
F = 3 x 50 mA)
Amber (CLP6C-AKW)
Bin Code
Min. (mcd)
Max. (mcd)
Yb
3550
4500
Z0
4500
5600
A0
5600
7100
B0
7100
9000
Tolerance of measurement of luminous intensity is ±10%.
Red
Bin Code
Min. (nm)
Max. (nm)
RA
618
630
Amber
Bin Code
Min. (nm)
Max. (nm)
AA
584
596
Tolerance of measurement of dominant wavelength is ±1 nm.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com