Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41B-RDS-CM0P0EE4 Datasheet(PDF) 3 Page - Cree, Inc

Part # CP41B-RDS-CM0P0EE4
Description  P4 LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41B-RDS-CM0P0EE4 Datasheet(HTML) 3 Page - Cree, Inc

  CP41B-RDS-CM0P0EE4 Datasheet HTML 1Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 2Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 3Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 4Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 5Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 6Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 7Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 8Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
3
CLD-CT1143.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
Flux Bin Limit (I
F = 70 mA)
Tolerance of measurement of luminous Flux is ±15%
Color Bin Limit (I
F = 70 mA)
VF Bin Limit (I
F = 70 mA)
Tolerance of measurement of dominant wavelength is ±1 nm
Red
Bin Code
Min.
(V)
Max.
(V)
23
2.0
2.2
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
Amber
Bin Code
Min.
(V)
Max.
(V)
23
2.0
2.2
24
2.2
2.4
25
2.4
2.6
26
2.6
2.8
27
2.8
3.0
Tolerance of measurement of VF is ± 0.05 V
Amber
Bin Code
Min.
(nm)
Max.
(nm)
A2
584
587
A3
587
590
A4
590
593
A5
593
596
A6
596
599
Red
Bin Code
Min.
(nm)
Max.
(nm)
RE
620
637
Red
Amber
CP41B-RDS/RFS (40/70 degree)
Bin Code
Min.
(mlm)
Max.
(mlm)
L0
4400
5500
M0
5500
6600
N0
6600
8730
P0
8730
11000
CP41B-RHS (100 degree)
Bin Code
Min.
(mlm)
Max.
(mlm)
L0
4400
5500
M0
5500
6600
N0
6600
8730
P0
8730
11000
Q0
11000
13200
CP41B-ADS (40 degree)
Bin Code
Min.
(mlm)
Max.
(mlm)
L0
4400
5500
M0
5500
6600
N0
6600
8730
P0
8730
11000
CP41B-AFS/AHS (70/100 degree)
Bin Code
Min.
(mlm)
Max.
(mlm)
M0
5500
6600
N0
6600
8730
P0
8730
11000
Q0
11000
13200



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com