Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CP41B-RDS-CM0P0EE4 Datasheet(PDF) 7 Page - Cree, Inc

Part # CP41B-RDS-CM0P0EE4
Description  P4 LED
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

CP41B-RDS-CM0P0EE4 Datasheet(HTML) 7 Page - Cree, Inc

Back Button CP41B-RDS-CM0P0EE4 Datasheet HTML 2Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 3Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 4Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 5Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 6Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 7Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 8Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 9Page - Cree, Inc CP41B-RDS-CM0P0EE4 Datasheet HTML 10Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
7
CLD-CT1143.000
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Fax: +1.919.313.5778
www.cree.com/ledlamps
Copyright © 2009 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree and
the Cree logo are registered trademarks of Cree, Inc.
FIG.7 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 70
IV(%)
Angle
FIG.8 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 100
IV(%)
Angle
CP41B-RHS/AHS
CP41B-RFS
FIG.9 FAR FIELD PATTERN
-90
-60
-30
0
0
0
0.5
1.0
30
60
90
50% Power Angle : 100
IV(%)
Angle
CP41B-AFS
Graphs



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com