Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2M134BNFP Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # R5F2M134BNFP
Description  The R8C/M13B Group of single-chip microcontrollers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M134BNFP Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button R5F2M134BNFP Datasheet HTML 35Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 36Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 37Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 38Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 39Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 40Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 41Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 42Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 51 page
background image
R8C/M13B Group
4. Electrical Characteristics
R01DS0005EJ0100 Rev.1.00
Page 39 of 48
Mar 14, 2011
i = 0 or 1
Figure 4.10
Serial Interface Timing When Vcc = 5 V
Notes:
1. When the digital filter is enabled by the INTi input filter select bit, the INTi input high width is (1/digital filter clock frequency × 3)
or the minimum value of the standard, whichever is greater.
2. When the digital filter is enabled by the INTi input filter select bit, the INTi input low width is (1/digital filter clock frequency × 3)
or the minimum value of the standard, whichever is greater.
Figure 4.11
Timing for External Interrupt INTi Input and Key Input Interrupt KIi When Vcc = 5 V
Table 4.19
Serial Interface
Symbol
Parameter
Standard
Unit
Min.
Max.
tc(CK)
CLKi input cycle time
200
—
ns
tW(CKH)
CLKi input high width
100
—
ns
tW(CKL)
CLKi input low width
100
—
ns
td(C-Q)
TXDi output delay time
—
50
ns
th(C-Q)
TXDi hold time
0—
ns
tsu(D-C)
RXDi input setup time
50
—
ns
th(C-D)
RXDi input hold time
90
—
ns
Table 4.20
External Interrupt INTi Input, Key Input Interrupt KIi (i = 0 to 3)
Symbol
Parameter
Standard
Unit
Min.
Max.
tW(INH)
INTi input high width, KIi input high width
250 (1)
—ns
tW(INL)
INTi input low width, KIi input low width
250 (2)
—ns
Vcc = 5 V
tW(CKH)
tC(CK)
tW(CKL)
tsu(D-C)
td(C-Q)
th(C-D)
th(C-Q)
CLKi
TXDi
RXDi
i = 0 or 1
Vcc = 5 V
INTi input
KIi input
(i = 0 to 3)
tW(INL)
tW(INH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com