Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F2M134BNFP Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # R5F2M134BNFP
Description  The R8C/M13B Group of single-chip microcontrollers
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F2M134BNFP Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button R5F2M134BNFP Datasheet HTML 9Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 10Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 11Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 12Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 13Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 14Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 15Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 16Page - Renesas Technology Corp R5F2M134BNFP Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 51 page
background image
R8C/M13B Group
3. Address Space
R01DS0005EJ0100 Rev.1.00
Page 13 of 48
Mar 14, 2011
3.
Address Space
3.1
Memory Map
Figure 3.1 shows the Memory Map. The R8C/M13B Group have a 1-Mbyte address space from addresses 00000h
to FFFFFh. The internal ROM (program ROM) is allocated at lower addresses, beginning with address 0FFFFh.
For example, an 8-Kbyte internal ROM area is allocated at addresses 0E000h to 0FFFFh.
The fixed interrupt vector table is allocated at addresses 0FFDCh to 0FFFFh. The start address of each interrupt
routine is stored here.
The internal ROM (data flash) is allocated at addresses 03000h to 037FFh.
The internal RAM is allocated at higher addresses, beginning with address 00400h. For example, a 512-byte
internal RAM area is allocated at addresses 00400h to 005FFh. The internal RAM is used not only for data storage
but also as a stack area when a subroutine is called or when an interrupt request is acknowledged.
Special function registers (SFRs) are allocated at addresses 00000h to 002FFh. Peripheral function control registers
are allocated here. All unallocated spaces within the SFRs are reserved and cannot be accessed by users.
Figure 3.1
Memory Map
Notes:
1. Data flash indicates block A (1 Kbyte) and block B (1 Kbyte).
2. The blank areas are reserved. No access is allowed.
0XXXXh
00000h
Internal ROM
(program ROM)
Internal RAM
SFR
(See 3.2 Special
Function Registers
(SFRs))
Internal ROM
(data flash) (1)
Expanded area
002FFh
03000h
037FFh
0YYYYh
0FFFFh
FFFFFh
00400h
0FFFFh
0FFDCh
0FFD8h
Watchdog timer, oscillation stop detection, voltage monitor 1
Undefined instruction
Overflow
BRK instruction
Address match
Single-step
(Reserved)
(Reserved)
Reset
Reserved area
Part Number
R5F2M131BNFP, R5F2M131BDFP
R5F2M132BNFP, R5F2M132BDFP
R5F2M134BNFP, R5F2M134BDFP
Size
Address 0YYYYh
4 Kbytes
8 Kbytes
16 Kbytes
0F000h
0E000h
0C000h
Internal ROM
Address 0XXXXh
Size
384 bytes
512 bytes
1 Kbytes
0057Fh
005FFh
007FFh
Internal RAM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com