Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F52106ADFN Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # R5F52106ADFN
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52106ADFN Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button R5F52106ADFN Datasheet HTML 3Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 4Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 5Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 6Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 7Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 8Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 9Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 10Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 7 of 90
Apr 15, 2011
RX210 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
Figure 1.1
How to Read the Product Part No., Memory Capacity, and Package Type
Type of memory
F: Flash memory version
Package type, number of pins, and pin pitch
FP : LQFP/100/0.50
FN : LQFP/80/0.50
FM : LQFP/64/0.50
FG : LQFP/100/0.65
FF : LQFP/80/0.65
FK : LQFP/64/0.80
LJ : TFLGA/100/0.65
ROM, RAM, and E2 data flash capacity
8: 512 Kbytes/64 Kbytes/8 Kbytes
7: 384 Kbytes/64 Kbytes/8 Kbytes
6: 256 Kbytes/32 Kbytes/8 Kbytes
5: 128 Kbytes/20 Kbytes/8 Kbytes
Group name
10 : RX210 Group
Renesas MCU
Renesas semiconductor product
Series name
RX200 Series
R 5
F 5
2
D
F
P
A
8
0
1
D : Products with wide temperature-range spec.
(-40 to +85°C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com