Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F52106ADFN Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # R5F52106ADFN
Description  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52106ADFN Datasheet(HTML) 2 Page - Renesas Technology Corp

  R5F52106ADFN Datasheet HTML 1Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 2Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 3Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 4Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 5Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 6Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 7Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 8Page - Renesas Technology Corp R5F52106ADFN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 92 page
background image
R01DS0041EJ0050 Rev.0.50
Page 2 of 90
Apr 15, 2011
RX210 Group
1. Overview
Under development Preliminary document
Specifications in this document are tentative and subject to change.
1.
Overview
1.1
Outline of Specifications
Table 1.1 lists the specifications in outline, and Table 1.2 gives a comparison of the functions of products in different
packages.
Table 1.1 is for products with the greatest number of functions, so numbers of peripheral modules and channels will
differ in accord with the package. For details, see Table 1.2, Comparison of Functions for Different Packages.
Table 1.1
Outline of Specifications (1 / 3)
Classification
Module/Function
Description
CPU
CPU
 Maximum operating frequency: 50 MHz
 32-bit RX CPU
 Minimum instruction execution time: One instruction per state (cycle of the system clock)
 Address space: 4-Gbyte linear
 Register set of the CPU
General purpose: Sixteen 32-bit registers
Control: Eight 32-bit registers
Accumulator: One 64-bit register
 Basic instructions: 73
 DSP instructions: 9
 Addressing modes: 10
 Data arrangement
Instructions: Little endian
Data: Selectable as little endian or big endian
 On-chip 32-bit multiplier: 32 x 32  64 bits
 On-chip divider: 32 / 32  32 bits
 Barrel shifter: 32 bits
Memory
ROM
 ROM capacity: 512 Kbytes (max.)
 Three on-board programming modes
Boot mode (The user mat and the user boot mat are programmable via the SCI.)
User boot mode
User program mode
 Parallel programmer mode (for off-board programming)
RAM
RAM capacity: 64 Kbytes (max.)
E2 data flash
E2 data flash capacity: 8 Kbytes
MCU operating mode
Single-chip mode, on-chip ROM enabled expansion mode, and on-chip ROM disabled expansion mode
(software switching)
Clock
Clock generation circuit
 Main clock oscillator, sub-clock oscillator, Low-speed on-chip oscillator, high-speed on-chip oscillator,
PLL frequency synthesizer, and dedicated low-speed on-chip oscillator for IWDT
 Oscillation stop detection
 Measuring circuit for accurcy of clock frequency (clock-accurcy check: CAC)
 Independent frequency-division and multiplication settings for the system clock (ICLK), peripheral
module clock (PCLK), external bus clock (BCLK), and flashIF clock (FCLK)
The CPU and system sections such as other bus masters run in synchronization with the system
clock (ICLK): 50 MHz (at max.)
Peripheral modules run in synchronization with the peripheral module clock (PCLK): 32 MHz (at
max.)
Devices connected to the external bus run in synchronization with the external bus clock (BCLK):
12.5 MHz (at max.)
The flash peripheral circuit runs in synchronization with the flash peripheral clock (FCLK): 32 MHz (at
max.)
Reset
Pin reset, power-on reset, voltage-monitoring reset, watchdog timer reset, independent watchdog timer
reset, deep software standby reset, and software reset
Voltage detection
Voltage detection circuit
(LVD)
 When the voltage on VCC falls below the voltage detection level, an internal reset or internal interrupt
is generated.
Voltage detection circuit 0 is capable of selecting the detection voltage from 4 levels
Voltage detection circuit 1 is capable of selecting the detection voltage from 16 levels
Voltage detection circuit 2 is capable of selecting the detection voltage from 16 levels
Low power
consumption
Low power consumption
facilities
 Module stop function
 Four low power consumption modes
Sleep mode, all-module clock stop mode, software standby mode, and deep software standby mode
Interrupt
Interrupt control unit (ICU)
 Interrupt vectors: 117
 External interrupts: 9 (NMI and IRQ0 to IRQ7 pins)
 Non-maskable interrupts: 6 (the NMI pin, oscillation stop detection interrupt, voltage-monitoring
interrupt 1, voltage-monitoring interrupt 2, WDT interrupt, and IWDT interrupt)
 16 levels specifiable for the order of priority



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com