Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F562TABDFM Datasheet(PDF) 51 Page - Renesas Technology Corp

Part # R5F562TABDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TABDFM Datasheet(HTML) 51 Page - Renesas Technology Corp

Back Button R5F562TABDFM Datasheet HTML 47Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 48Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 49Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 50Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 51Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 52Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 53Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 54Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 55Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 51 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
000C 1A1Ch
MTU7
Timer general register A
TGRA
16
16, 32
5ICLK
000C 1A1Eh
MTU7
Timer general register B
TGRB
16
16
5ICLK
000C 1A20h
MTU
Timer subcounter B
TCNTSB
16
16, 32
5ICLK
000C 1A22h
MTU
Timer cycle buffer register B
TCBRB
16
16
5ICLK
000C 1A24h
MTU6
Timer general register C
TGRC
16
16, 32
5ICLK
000C 1A26h
MTU6
Timer general register D
TGRD
16
16
5ICLK
000C 1A28h
MTU7
Timer general register C
TGRC
16
16, 32
5ICLK
000C 1A2Ah
MTU7
Timer general register D
TGRD
16
16
5ICLK
000C 1A2Ch
MTU6
Timer status register
TSR
8
8, 16
5ICLK
000C 1A2Dh
MTU7
Timer status register
TSR
8
8
5ICLK
000C 1A30h
MTU
Timer interrupt skipping set register 1B
TITCR1B
8
8, 16
5ICLK
000C 1A31h
MTU
Timer interrupt skipping counter 1B
TITCNT1B
8
8
5ICLK
000C 1A32h
MTU
Timer buffer transfer set register B
TBTERB
8
8
5ICLK
000C 1A34h
MTU
Timer dead time enable register B
TDERB
8
8
5ICLK
000C 1A36h
MTU
Timer output level buffer register B
TOLBRB
8
8
5ICLK
000C 1A38h
MTU6
Timer buffer operation transfer mode register
TBTM
8
8, 16
5ICLK
000C 1A39h
MTU7
Timer buffer operation transfer mode register
TBTM
8
8
5ICLK
000C 1A3Ah
MTU
Timer interrupt skipping mode register B
TITMRB
8
8
5ICLK
000C 1A3Bh
MTU
Timer interrupt skipping set register 2B
TITCR2B
8
8
5ICLK
000C 1A3Ch
MTU
Timer interrupt skipping counter 2B
TITCNT2B
8
8
5ICLK
000C 1A40h
MTU7
Timer A/D converter start request control
register
TADCR
16
16
5ICLK
000C 1A44h
MTU7
Timer A/D converter start request cycle set
register A
TADCORA
16
16, 32
5ICLK
000C 1A46h
MTU7
Timer A/D converter start request cycle set
register B
TADCORB
16
16
5ICLK
000C 1A48h
MTU7
Timer A/D converter start request cycle set
buffer register A
TADCOBRA
16
16, 32
5ICLK
000C 1A4Ah
MTU7
Timer A/D converter start request cycle set
buffer register B
TADCOBRB
16
16
5ICLK
000C 1A50h
MTU6
Timer synchronous clear register
TSYCR
8
8
5ICLK
000C 1A60h
MTU
Timer waveform control register B
TWCRB
8
8
5ICLK
000C 1A70h
MTU
Timer mode register 2B
TMDR2B
8
8
5ICLK
000C 1A72h
MTU6
Timer general register E
TGRE
16
16
5ICLK
000C 1A74h
MTU7
Timer general register E
TGRE
16
16
5ICLK
000C 1A76h
MTU7
Timer general register F
TGRF
16
16
5ICLK
000C 1A80h
MTU
Timer start register B
TSTRB
8
8, 16
5ICLK
000C 1A81h
MTU
Timer synchronous register B
TSYRB
8
8
5ICLK
000C 1A84h
MTU
Timer read/write enable register B
TRWERB
8
8
5ICLK
000C 1C80h
MTU5
Timer counter U
TCNTU
16
16, 32
5ICLK
000C 1C82h
MTU5
Timer general register U
TGRU
16
16
5ICLK
000C 1C84h
MTU5
Timer control register U
TCRU
8
8
5ICLK
000C 1C86h
MTU5
Timer I/O control register U
TIORU
8
8
5ICLK
000C 1C90h
MTU5
Timer counter V
TCNTV
16
16, 32
5ICLK
000C 1C92h
MTU5
Timer general register V
TGRV
16
16
5ICLK
000C 1C94h
MTU5
Timer control register V
TCRV
8
8
5ICLK
Table 4.1
List of I/O Registers (Address Order) (18 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com