Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F562TABDFM Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R5F562TABDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TABDFM Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R5F562TABDFM Datasheet HTML 24Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 25Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 26Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 27Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 28Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 29Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 30Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 31Page - Renesas Technology Corp R5F562TABDFM Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 28 of 92
Apr 20, 2011
RX62T Group
1. Overview
Serial communications
interface (SCIb)
TXD0, TXD1?TXD2-A/TXD2-
B
Output
Output pins for data transmission. The TXD2-B pin is not
included in the 80-/64-pin versions.
RXD0, RXD1, RXD2-A/
RXD2-B
Input
Input pins for data reception. The RXD2-B pin is not included in
the 80-/64-pin versions.
SCK0, SCK1, SCK2-A/
SCK2-B
I/O
Input/output pins for clock signals. The SCK2-B pin is not
included in the 80-/64-pin versions.
I2C bus interface (RIIC)
SCL
I/O
Input/output pin for I2C bus interface clocks. Bus can be directly
driven by the NMOS open drain output.
SDA
I/O
Input/output pin for I2C bus interface data. Bus can be directly
driven by the NMOS open drain output.
CAN module (CAN)
(as an optional function)
CRX-A/CRX-B/CRX-C
Input
Input pin for the CAN. The CRX-C pin is not included in the 64-
pin version.
CTX-A/CTX-B/CTX-C
Output
Output pin for the CAN. The CTX-C pin is not included in the
64-pin version.
LIN module (LIN)
LRX
Input
Input pin for the LIN.
LTX
Output
Output pin for the LIN.
Serial peripheral interface
(RSPI)
RSPCK-A/RSPCK-B/
RSPCK-C
I/O
Clock input/output pin for the RSPI. The RSPCK-C pin is not
included in the 80-/64-pin versions.
MOSI-A/MOSI-B/MOSI-C
I/O
Inputs or outputs data output from the master for the RSPI. The
MOSI-C pin is not included in the 80-/64-pin versions.
MISO-A/MISO-B/MISO-C
I/O
Inputs or outputs data output from the slave for the RSPI. The
MISO-C pin is not included in the 80-/64-pin versions.
SSL0-A/SSL0-B/SSL0-C
I/O
Select the slave for the RSPI. The SSL0-C/SSL1-C/SSL2-C/
SSL3-C pin is not included in the 80-/64-pin versions.
SSL1-A/SSL1-B/SSL1-C
SSL2-A/SSL2-B/SSL2-C
SSL3-A/SSL3-B/SSL3-C
Output
A/D converter
AN000 to AN003
AN100 to AN103
Input
Input pins for the analog signals to be processed by the 12-bit
A/D converter.
AN0 to AN11
Input
Input pins for the analog signals to be processed by the 10-bit
A/D converter. The AN4 to AN11 pins are not included in the
80-pin version. Not included in the 64-pin version.
ADTRG0#-A/ADTRG0#-B
ADTRG1#-A/ADTRG1#-B
ADTRG#
Input
Input pins for the external trigger signals that start the A/D
conversion. The ADTRG0#-B/ADTRG1#-B/ADTRG# pin is not
included in the 64-pin version.
CVREFH
Input
Input pin for the high-level reference voltage to the comparator
CVREFL
Input
Input pin for the low-level reference voltage to the comparator
Analog power supply
AVCC0
Input
Analog power supply pin for the 12-bit A/D converter. When the
A/D converter is not in use, connect this pin to the system
power supply.
AVSS0
Input
Ground pin for the 12-bit A/D converter. Connect this pin to the
system power supply (0 V).
VREFH0
Input
Reference power supply pin for the 12-bit A/D converter. When
the 12-bit A/D converter is not in use, connect this pin to the
system power supply.
VREFL0
Input
Ground pin of the reference power supply pin for the 12-bit A/D
converter. When the 12-bit A/D converter is not in use, connect
this pin to the system power supply (0 V).
AVCC
Input
Analog power supply pin for the 10-bit A/D converter. When the
A/D converter is not in use, connect this pin to the system
power supply. Not included in the 64-pin version.
AVSS
Input
Ground pin for the 10-bit A/D converter. Connect this pin to the
system power supply (0 V). Not included in the 64-pin version.
VREF
Input
Reference power supply pin for the 10-bit A/D converter. When
the 10-bit A/D converter is not in use, connect this pin to the
system power supply. Not included in the 80-/64-pin versions.
Table 1.8
Pin Functions (3 / 4)
Classifications
Pin Name
I/O
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com