Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F562T7BDFH Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # R5F562T7BDFH
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562T7BDFH Datasheet(HTML) 1 Page - Renesas Technology Corp

  R5F562T7BDFH Datasheet HTML 1Page - Renesas Technology Corp R5F562T7BDFH Datasheet HTML 2Page - Renesas Technology Corp R5F562T7BDFH Datasheet HTML 3Page - Renesas Technology Corp R5F562T7BDFH Datasheet HTML 4Page - Renesas Technology Corp R5F562T7BDFH Datasheet HTML 5Page - Renesas Technology Corp R5F562T7BDFH Datasheet HTML 6Page - Renesas Technology Corp R5F562T7BDFH Datasheet HTML 7Page - Renesas Technology Corp R5F562T7BDFH Datasheet HTML 8Page - Renesas Technology Corp R5F562T7BDFH Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 94 page
background image
Datasheet
R01DS0096EJ0100 Rev.1.00
Page 1 of 92
Apr 20, 2011
RX62T Group
Renesas MCUs
Features
■ 32-bit RX CPU core
 Max. operating frequency: 100 MHz
Capable of 165 DMIPS in operation at 100 MHz
 Single precision 32-bit IEEE-754 floating point
 Accumulator handles 64-bit results (for a single
instruction) from 32- × 32-bit operations
 Multiplication and division unit handles 32- × 32-bit
operations (multiplication instructions take one CPU
clock cycle)
 Fast interrupt
 Divider (fastest instruction execution takes two CPU
clock cycles)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions: Ultra-compact code
 Background JTAG debugging plus high-speed tracing
■ Operating voltage
 Single 3.3- or 5-V supply; 5-V analog supply is possible
with 3.3-V products
■ Low-power design and architecture
 Four low-power modes
■ On-chip main flash memory, no wait states
 100-MHz operation, 10-ns read cycle
 No wait states for reading at full CPU speed
 64-Kbyte/128-Kbyte/256-Kbyte capacities
 For instructions and operands
 User code programmable via the SCI or JTAG
■ On-chip data flash memory
 Max. 32 Kbytes, reprogrammable up to 30,000 times
 Erasing and programming impose no load on the CPU.
■ On-chip SRAM, no wait states
 8-Kbyte/16-Kbyte SRAM
 For instructions and operands
■ DMA
 DTC: The single unit is capable of transfer on multiple
channels
■ Reset and supply management
 Power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 External crystal oscillator or internal PLL for operation at
8 to 12.5 MHz
 Internal 125-kHz LOCO for the IWDT
 Detection of main oscillator stoppage (for IEC 60730
compliance)
■ Independent watchdog timer
(for IEC60730compliance)
 125-kHz LOCO clock operation
 Software is incapable of stopping the robust WDT.
■ Up to 7 communications interfaces
 1: CAN (compliant with ISO11898-1), incorporating 32
mailboxes
 3: SCIs, with asynchronous mode (incorporating noise
cancellation), clock-synchronous mode, and smart-card
interface mode
 1: I2C bus interface, capable of SMBus operation
 1: RSPI
 1: LIN
■ Up to 16 16-bit timers
 8: 16-bit MTU3: 100-MHz operation, input capture,
output compare, two three-phase complementary PWM
output channels, complementary PWM imposing no load
on the CPU, phase-counting mode
 4: 16-bit GPT: 100-MHz operation, input capture, output
compare, four complementary single-phase PWM output
channels, or one three-phase complementary PWM
output channel and one single-phase complementary
PWM output channel, complementary PWM imposing no
load on the CPU, operation linked with comparator (for
counting and control of PWM-signal negation), detection
of abnormal oscillation frequencies (for IEC 60730
compliance)
 4: 16-bit CMT
■ Three A/D converter units for 1-MHz operation,
for a total of 20 channels
 Three units are capable of simultaneous sampling on
seven channels
 Self diagnosis (for IEC60730 compliance)
 8: Two 12-bit ADC units: three sample-and-hold circuits,
double data registers, amplifier, comparator
 12: Single 10-bit ADC unit
■ CRC (cyclic redundancy check) calculation unit
 Monitoring of data being transferred (for IEC 60730
compliance)
 Monitoring of data in memory (for IEC 60730
compliance)
■ Up to 61 input–output ports and up to 21 input-only
ports
 PORT registers: Monitoring of output ports (for IEC
60730 compliance)
■ Operating temp. range
 –40C to +85C
PLQP0112JA-A 20×20mm, 0.65mm pitch
PLQP0100KB-A 14×14mm, 0.5mm pitch
PLQP0080JA-A 14×14mm, 0.65mm pitch
PLQP0064KB-A 10×10mm, 0.5mm pitch
100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC (3 S/H circuits, double data
register, amplifier, comparator): two units, 10-bit ADC one unit, the three ADC units are
capable of simultaneous 7-ch. sampling, 100-MHz PWM (two three-phase complementary
channels and four single-phase complementary channels or three three-phase
complementary channels and one single-phase complementary channel)
R01DS0096EJ0100
Rev.1.00
Apr 20, 2011


Similar Part No. - R5F562T7BDFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
R5F562T7BDFH RENESAS-R5F562T7BDFH Datasheet
640Kb / 25P
MCUs
More results

Similar Description - R5F562T7BDFH

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
RX62N RENESAS-RX62N Datasheet
1Mb / 25P
100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet, USB 2.0
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
RX62N RENESAS-RX62N_12 Datasheet
1Mb / 149P
100 MHz 32-bit RX MCU with FPU, 165 DMIPS, up to 512-Kbyte Flash, Ethernet
RX23T RENESAS-RX23T Datasheet
1Mb / 98P
40-MHz 32-bit RX MCUs, built-in FPU, 65.6 DMIPS
RX63T RENESAS-RX63T_16 Datasheet
1Mb / 186P
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
32 MHz 32-bit RX MCUs, 50 DMIPS
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX230 RENESAS-RX230 Datasheet
2Mb / 177P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
RX63T RENESAS-RX63T Datasheet
1Mb / 186P
100-MHz 32-bit RX MCU, on-chip FPU, 165 DMIPS,
Mar 31, 2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com