Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F562TADDFM Datasheet(PDF) 42 Page - Renesas Technology Corp

Part # R5F562TADDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TADDFM Datasheet(HTML) 42 Page - Renesas Technology Corp

Back Button R5F562TADDFM Datasheet HTML 38Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 39Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 40Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 41Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 42Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 43Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 44Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 45Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 46Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 42 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
0008 8244h
SMCI0
Serial status register
SSR
8
8
2 to 3PCLK*5
0008 8245h
SMCI0
Receive data register
RDR
8
8
2 to 3PCLK*5
0008 8246h
SMCI0
Smart card mode register
SCMR
8
8
2 to 3PCLK*5
0008 8248h
SCI1
Serial mode register
SMR*1
8
8
2 to 3PCLK*5
0008 8249h
SCI1
Bit rate register
BRR
8
8
2 to 3PCLK*5
0008 824Ah
SCI1
Serial control register
SCR*1
8
8
2 to 3PCLK*5
0008 824Bh
SCI1
Transmit data register
TDR
8
8
2 to 3PCLK*5
0008 824Ch
SCI1
Serial status register
SSR*1
8
8
2 to 3PCLK*5
0008 824Dh
SCI1
Receive data register
RDR
8
8
2 to 3PCLK*5
0008 824Eh
SCI1
Smart card mode register
SCMR
8
8
2 to 3PCLK*5
0008 824Fh
SCI1
Serial extended mode register
SEMR
8
8
2 to 3PCLK*5
0008 8248h
SMCI1
Serial mode register
SMR
8
8
2 to 3PCLK*5
0008 8249h
SMCI1
Bit rate register
BRR
8
8
2 to 3PCLK*5
0008 824Ah
SMCI1
Serial control register
SCR
8
8
2 to 3PCLK*5
0008 824Bh
SMCI1
Transmit data register
TDR
8
8
2 to 3PCLK*5
0008 824Ch
SMCI1
Serial status register
SSR
8
8
2 to 3PCLK*5
0008 824Dh
SMCI1
Receive data register
RDR
8
8
2 to 3PCLK*5
0008 824Eh
SMCI1
Smart card mode register
SCMR
8
8
2 to 3PCLK*5
0008 8250h
SCI2
Serial mode register
SMR*1
8
8
2 to 3PCLK*5
0008 8251h
SCI2
Bit rate register
BRR
8
8
2 to 3PCLK*5
0008 8252h
SCI2
Serial control register
SCR*1
8
8
2 to 3PCLK*5
0008 8253h
SCI2
Transmit data register
TDR
8
8
2 to 3PCLK*5
0008 8254h
SCI2
Serial status register
SSR*1
8
8
2 to 3PCLK*5
0008 8255h
SCI2
Receive data register
RDR
8
8
2 to 3PCLK*5
0008 8256h
SCI2
Smart card mode register
SCMR
8
8
2 to 3PCLK*5
0008 8257h
SCI2
Serial extended mode register
SEMR
8
8
2 to 3PCLK*5
0008 8250h
SMCI2
Serial mode register
SMR*1
8
8
2 to 3PCLK*5
0008 8251h
SMCI2
Bit rate register
BRR
8
8
2 to 3PCLK*5
0008 8252h
SMCI2
Serial control register
SCR*1
8
8
2 to 3PCLK*5
0008 8253h
SMCI2
Transmit data register
TDR
8
8
2 to 3PCLK*5
0008 8254h
SMCI2
Serial status register
SSR*1
8
8
2 to 3PCLK*5
0008 8255h
SMCI2
Receive data register
RDR
8
8
2 to 3PCLK*5
0008 8256h
SMCI2
Smart card mode register
SCMR
8
8
2 to 3PCLK*5
0008 8280h
CRC
CRC control register
CRCCR
8
8
2 to 3PCLK*5
0008 8281h
CRC
CRC data input register
CRCDIR
8
8
2 to 3PCLK*5
0008 8282h
CRC
CRC data output register
CRCDOR
16
16
2 to 3PCLK*5
0008 8300h
RIIC
I2C bus control register 1
ICCR1
8
8
2 to 3PCLK*5
0008 8301h
RIIC
I2C bus control register 2
ICCR2
8
8
2 to 3PCLK*5
0008 8302h
RIIC
I2C bus mode register 1
ICMR1
8
8
2 to 3PCLK*5
0008 8303h
RIIC
I2C bus mode register 2
ICMR2
8
8
2 to 3PCLK*5
0008 8304h
RIIC
I2C bus mode register 3
ICMR3
8
8
2 to 3PCLK*5
0008 8305h
RIIC
I2C bus function enable register
ICFER
8
8
2 to 3PCLK*5
0008 8306h
RIIC
I2C bus status enable register
ICSER
8
8
2 to 3PCLK*5
0008 8307h
RIIC
I2C bus interrupt enable register
ICIER
8
8
2 to 3PCLK*5
Table 4.1
List of I/O Registers (Address Order) (9 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com