Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

R5F562TADDFM Datasheet(PDF) 47 Page - Renesas Technology Corp

Part # R5F562TADDFM
Description  100-MHz 32-bit RX MCUs, FPU, 165 DMIPS, 12-bit ADC
PDF  94 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F562TADDFM Datasheet(HTML) 47 Page - Renesas Technology Corp

Back Button R5F562TADDFM Datasheet HTML 43Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 44Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 45Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 46Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 47Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 48Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 49Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 50Page - Renesas Technology Corp R5F562TADDFM Datasheet HTML 51Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 94 page
background image
R01DS0096EJ0100 Rev.1.00
Page 47 of 92
Apr 20, 2011
RX62T Group
4. I/O Registers
0008 C4D0h
POE
Port output enable control register 4
POECR4
16
16
2 to 3PCLK*5
0008 C4D2h
POE
Port output enable control register 5
POECR5
16
16
2 to 3PCLK*5
0008 C4D4h
POE
Port output enable control register 6
POECR6
16
16
2 to 3PCLK*5
0008 C4D6h
POE
Input level control/status register 4
ICSR4
16
8, 16
2 to 3PCLK*5
0008 C4D8h
POE
Input level control/status register 5
ICSR5
16
8, 16
2 to 3PCLK*5
0008 C4DAh
POE
Active level setting register 1
ALR1
16
8, 16
2 to 3PCLK*5
0009 0200h
to
0009 03FFh
CAN0*4
Mailbox registers 0 to 31
MB0
to
MB 31
128
8, 16, 32
2 to 3PCLK*5
0009 0400h
CAN0*4
Mask register 0
MKR0
32
8, 16, 32
2 to 3PCLK*5
0009 0404h
CAN0*4
Mask register 1
MKR1
32
8, 16, 32
2 to 3PCLK*5
0009 0408h
CAN0*4
Mask register 2
MKR2
32
8, 16, 32
2 to 3PCLK*5
0009 040Ch
CAN0*4
Mask register 3
MKR3
32
8, 16, 32
2 to 3PCLK*5
0009 0410h
CAN0*4
Mask register 4
MKR4
32
8, 16, 32
2 to 3PCLK*5
0009 0414h
CAN0*4
Mask register 5
MKR5
32
8, 16, 32
2 to 3PCLK*5
0009 0418h
CAN0*4
Mask register 6
MKR6
32
8, 16, 32
2 to 3PCLK*5
0009 041Ch
CAN0*4
Mask register 7
MKR7
32
8, 16, 32
2 to 3PCLK*5
0009 0420h
CAN0*4
FIFO received ID compare register 0
FIDCR0
32
8, 16, 32
2 to 3PCLK*5
0009 0424h
CAN0*4
FIFO received ID compare register 1
FIDCR1
32
8, 16, 32
2 to 3PCLK*5
0009 0428h
CAN0*4
Mask invalid register
MKIVLR
32
8, 16, 32
2 to 3PCLK*5
0009 042Ch
CAN0*4
Mailbox interrupt enable register
MIER
32
8, 16, 32
2 to 3PCLK*5
0009 0820h
to
0009 083Fh
CAN0*4
Message control registers 0 to 31
MCTL0
to
MCTL31
8
8
2 to 3PCLK*5
0009 0840h
CAN0*4
Control register
CTLR
16
8, 16
2 to 3PCLK*5
0009 0842h
CAN0*4
Status register
STR
16
8, 16
2 to 3PCLK*5
0009 0844h
CAN0*4
Bit configuration register
BCR
32
8, 16, 32
2 to 3PCLK*5
0009 0848h
CAN0*4
Receive FIFO control register
RFCR
8
8
2 to 3PCLK*5
0009 0849h
CAN0*4
Receive FIFO pointer control register
RFPCR
8
8
2 to 3PCLK*5
0009 084Ah
CAN0*4
Transmit FIFO control register
TFCR
8
8
2 to 3PCLK*5
0009 084Bh
CAN0*4
Transmit FIFO pointer control register
TFPCR
8
8
2 to 3PCLK*5
0009 084Ch
CAN0*4
Error interrupt enable register
EIER
8
8
2 to 3PCLK*5
0009 084Dh
CAN0*4
Error interrupt factor judge register
EIFR
8
8
2 to 3PCLK*5
0009 084Eh
CAN0*4
Receive error count register
RECR
8
8
2 to 3PCLK*5
0009 084Fh
CAN0*4
Transmit error count register
TECR
8
8
2 to 3PCLK*5
0009 0850h
CAN0*4
Error code store register
ECSR
8
8
2 to 3PCLK*5
0009 0851h
CAN0*4
Channel search support register
CSSR
8
8
2 to 3PCLK*5
0009 0852h
CAN0*4
Mailbox search status register
MSSR
8
8
2 to 3PCLK*5
0009 0853h
CAN0*4
Mailbox search mode register
MSMR
8
8
2 to 3PCLK*5
0009 0854h
CAN0*4
Time stamp register
TSR
16
8, 16
2 to 3PCLK*5
0009 0856h
CAN0*4
Acceptance filter support register
AFSR
16
8, 16
2 to 3PCLK*5
0009 0858h
CAN0*4
Test control register
TCR
8
8
2 to 3PCLK*5
0009 4001h
LIN0
LIN wake-up baud rate select register
LWBR
8
8
2 to 3PCLK*5
0009 4002h
LIN0
LIN baud rate prescaler 0 register
LBRP0
8
8, 16
2 to 3PCLK*5
0009 4003h
LIN0
LIN baud rate prescaler 1 register
LBRP1
8
8, 16
2 to 3PCLK*5
Table 4.1
List of I/O Registers (Address Order) (14 / 23)
Address
Module
Abbreviation
Register Name
Register
Abbreviation
Number
of Bits
Access
Size
Number of
Access
Cycles



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com