Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDA22000 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDA22000
Description  HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDA22000 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDA22000 Datasheet HTML 1Page - Solid States Devices, Inc SDA22000 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RA0107B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, CA 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDA
___
HF
___
│
│
│
│
│
└
└
Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
Voltage/Family
5000 = 5000V
8000 = 8000V
10000 = 10000V
12500 = 12500V
15000 = 15000V
19000 = 19000V
22000 = 22000V
SDA5000HF
thru
SDA22000HF
30 nsec
0.5 AMPS
5,000 ─ 22,000 VOLTS
HIGH VOLTAGE RECTIFIER
FEATURES:
Average output current: 0.5 Amps
PIV: 5,000 to 22,000 Volts
Low reverse leakage
Low distributed and GRD capacitance
Corona free
Superior thermal shock resistance
Also available in Fast, Ultra Fast, and Standard
versions - consult factory
TX, TXV, and S level screening available
NOTES:
1. Maximum forward voltage measured with instantaneous forward pulse of 300 μsec
minimum.
2. Unless otherwise specified, all electrical characteristics @25ºC
3. Reverse Recovery Test Conditions: IF = 0.5A, IR = 1A, IRR = 0.25A, TA = 25
oC
HV STICK
ELECTRICAL CHARACTERISTICS
Part Number
Peak
Inverse
Voltage
(per leg)
Average DC
Output Current
TC = Case Temp
Reverse
Recovery
Time
Maximum
Surge
Current
(1 Cycle)
Maximum
Forward
Voltage
(per leg)
Maximum
Reverse
Current
(per leg)
@ PIV
Case Size
Symbol
PIV
IF (AV)
trr
IFRM
VF
IR
Units
Volts
Amps
ns
Amps
Volts
μA
INCHES
Conditions
55
oC
100
oC
25
oC
IF = 500 mA
25
oC 100oCA
B
C
SDA5000
5000
0.5
0.33
30
25
14
10
200
1.125
0.25
0.50
SDA8000
8000
0.5
0.33
30
25
20
10
200
1.165
0.25
0.50
SDA10000
10000
0.5
0.33
30
25
26
10
200
2.000
0.25
0.50
SDA12500
12500
0.5
0.33
30
25
32
10
200
2.375
0.25
0.50
SDA15000
15000
0.5
0.33
30
25
38
10
200
2.750
0.25
0.50
SDA19000
19000
0.5
0.33
30
25
48
10
200
3.500
0.25
0.50
SDA22000
22000
0.5
0.33
30
25
56
10
200
4.250
0.25
0.50


Similar Part No. - SDA22000

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SDA2208-3 SIEMENS-SDA2208-3 Datasheet
327Kb / 9P
IR REMOTE CONTROL TRANSMITTER WITH IR DIODE DRIVER
More results

Similar Description - SDA22000

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
HIGH VOLTAGE RECTIFIER
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com