Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67-21-RSC-FT2V1B-2T Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 67-21-RSC-FT2V1B-2T
Description  Top View LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21-RSC-FT2V1B-2T Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  67-21-RSC-FT2V1B-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-06-08 19:01:59.0
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
Top View LEDs
67-21/RSC-FT2V1B/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 3 of 10
Device No. :DSE-0003710
Prepared date: 2-JUNE -2010
Prepared by: Irene Lin
Absolute Maximum Ratings (Ta=25
)
℃
Parameter
Symbol
Rating
Units
Reverse Voltage
VR
5
V
Forward Current
IF
50
mA
Peak Forward Current(Duty 1/10 @1KHz)
IFP
100
mA
Power Dissipation
Pd
120
mW
Electrostatic Discharge(HBM)
ESD
2000
V
Operating Temperature
Topr
-40 ~ +85
℃
Storage Temperature
Tstg
-40 ~ +90
℃
Soldering Temperature
Tsol
Reflow Soldering : 260 ℃ for 10 sec.
Hand Soldering : 350 ℃ for 3 sec.
Electro-Optical Characteristics (Ta=25
)
℃
Parameter
Symbol
Min.
Typ.
Max.
Unit
Condition
Luminous Intensity
Iv
360
-----
900
mcd
IF=20mA
Viewing Angle
2θ1/2
-----
120
-----
deg
IF=20mA
Peak Wavelength
λp
-----
632
-----
nm
IF=20mA
Dominant Wavelength
λd
621
-----
631
nm
IF=20mA
Spectrum Radiation Bandwidth
λ
△
-----
20
-----
nm
IF=20mA
Forward Voltage
VF
1.75
--
2.35
V
IF=20mA
Reverse Current
IR
-----
-----
10
μA
VR=5V
Notes:
1. Tolerance of Luminous Intensity: ±11%
2. Tolerance of Dominant Wavelength: ±1nm
3. Tolerance of Forward Voltage: ±0.1V



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com