Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

67-21-RSC-FT2V1B-2T Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 67-21-RSC-FT2V1B-2T
Description  Top View LEDs
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

67-21-RSC-FT2V1B-2T Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  67-21-RSC-FT2V1B-2T Datasheet HTML 1Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 2Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 67-21-RSC-FT2V1B-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2010-06-08 19:01:59.0
EVERLIGHT ELECTRONICS CO., LTD.
Technical Data Sheet
Top View LEDs
67-21/RSC-FT2V1B/2T
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev. 1
Page: 1 of 10
Device No. :DSE-0003710
Prepared date: 2-JUNE -2010
Prepared by: Irene Lin
Features
․
P-LCC-2 package.
․
White package.
․
Optical indicator.
․
Colorless clear window.
․
Wide viewing angle.
․
Suitable for vapor-phase reflow, Infrared reflow
and wave solder processes.
․
Computable with automatic placement equipment.
․
Available on tape and reel (8mm Tape).
․
Pb-free.
․
The product itself will remain within RoHS
compliant version
Descriptions
․
The 67-21 series is available in soft orange, green, blue, and yellow.
Due to the package design, the LED has wide viewing angle and
optimized light coupling by inter reflector. This feature makes the LED
ideal for light pipe application. The low current requirement makes
this device ideal for portable equipment or any other application where
power is at a premium.
Applications
․
Telecommunication: indicator and backlighting in
telephone and fax.
․
Flat backlight for LCD, switch and symbol.
․
Light pipe application.
․
General use.
Device Selection Guide
Chip
Material
Emitted Color
Resin Color
AlGaInP
Brilliant Red
Water Clear


Similar Part No. - 67-21-RSC-FT2V1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21-RSC-T1V1-2T EVERLIGHT-67-21-RSC-T1V1-2T Datasheet
238Kb / 10P
TOP View LEDs
67-21-RSC-T1V1-2T EVERLIGHT-67-21-RSC-T1V1-2T Datasheet
238Kb / 10P
TOP View LEDs
More results

Similar Description - 67-21-RSC-FT2V1B-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
45-21UFC EVERLIGHT-45-21UFC Datasheet
253Kb / 14P
Top View LEDs
67-21-G4C-BQ1T2N-2T EVERLIGHT-67-21-G4C-BQ1T2N-2T Datasheet
136Kb / 10P
TOP View LEDs
67-21SUBC-S400-A4-TR8 EVERLIGHT-67-21SUBC-S400-A4-TR8 Datasheet
203Kb / 9P
TOP View LEDs
07-29-2005
61-238-RSGBB7C-B02-ET EVERLIGHT-61-238-RSGBB7C-B02-ET Datasheet
337Kb / 14P
Top View LEDs
67-21SUBC-S400-XX-TR8 EVERLIGHT-67-21SUBC-S400-XX-TR8 Datasheet
536Kb / 9P
Top View LEDs
67-21-YSC-FU1U2B-2T EVERLIGHT-67-21-YSC-FU1U2B-2T Datasheet
211Kb / 10P
Top View LEDs
67-22-R6Y2C-B31-2T EVERLIGHT-67-22-R6Y2C-B31-2T Datasheet
296Kb / 12P
Top View LEDs
61-238 EVERLIGHT-61-238_16 Datasheet
295Kb / 13P
Top View LEDs
EAPL3527BA2 EVERLIGHT-EAPL3527BA2 Datasheet
662Kb / 11P
TOP View LEDs
EAPL3527RA2 EVERLIGHT-EAPL3527RA2 Datasheet
401Kb / 9P
TOP View LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com