Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SDR6306 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SDR6306
Description  Ultra Fast Recovery Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SDR6306 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SDR6306 Datasheet HTML 1Page - Solid States Devices, Inc SDR6306 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0141A
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SDR
__ __
└ Screening 2/ __ = Not Screened
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
└ Family/Voltage
6304 = 50V
6305 = 100V
6306 = 150V
6307 = 200V
SDR6304 thru SDR6307
70 Amp
Ultra Fast Recovery Rectifier
50 - 200 Volts
50 nsec
Features:
•
Fast Recovery: 50nsec Maximum
•
Low Forward Voltage Drop
•
Low Reverse Leakage Current
•
Single Chip Construction
•
Hermetically Sealed
•
For High Efficiency Applications
•
Replacement for 1N6304, 1N6305, and 1N6306
•
TX, TXV, and S-Level Screening Available
2/
Maximum Ratings 3/
Symbol
Value
Units
Peak Repetitive Reverse Voltage and
DC Blocking Voltage @ 100µA
SDR6304
SDR6305
SDR6306
SDR6307
VRRM
VRWM
VR
50
100
150
200
Volts
Average Rectified Forward Current
(Resistive Load, 60 Hz Sine Wave, TA = 25 °C)
Io
70
Amps
Peak Surge Current
(8.3 ms Pulse, Half Sine Wave, TA = 25 °C)
IFSM
800
Amps
Operating & Storage Temperature
TOP & TSTG
-55 to +175
ºC
Thermal Resistance (Junction to Case)
RθJC
0.8
ºC/W
Notes:
1/ For ordering information, price, operating curves, and availability- Contact factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Unless otherwise specified, all maximum ratings/electrical characteristics @25°C.
DO-5


Similar Part No. - SDR6306

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SDR63CAJ SSDI-SDR63CAJ Datasheet
61Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR63CAM SSDI-SDR63CAM Datasheet
80Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR63CAZ SSDI-SDR63CAZ Datasheet
80Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR63CTJ SSDI-SDR63CTJ Datasheet
61Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
SDR63CTM SSDI-SDR63CTM Datasheet
80Kb / 2P
40A 35nsec 300-600 V Hyper Fast Centertap Rectifier
More results

Similar Description - SDR6306

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FFPF15U40S FAIRCHILD-FFPF15U40S Datasheet
77Kb / 4P
ULTRA FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
UF110 MICROSEMI-UF110 Datasheet
91Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF130 MICROSEMI-UF130 Datasheet
89Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF310 MICROSEMI-UF310 Datasheet
160Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
UF330 MICROSEMI-UF330 Datasheet
94Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
List of Unclassifed Man...
SDR622 ETC-SDR622 Datasheet
80Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
logo
Solid States Devices, I...
SDR30U080J SSDI-SDR30U080J Datasheet
91Kb / 2P
Ultra Fast Recovery Rectifier
SDR504 SSDI-SDR504_1 Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RC0039F SSDI-RC0039F Datasheet
120Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
RU0049B SSDI-RU0049B Datasheet
101Kb / 2P
ULTRA FAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com