Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX331 Datasheet(PDF) 8 Page - Maxim Integrated Products

Part # LMX331
Description  General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX331 Datasheet(HTML) 8 Page - Maxim Integrated Products

  LMX331 Datasheet HTML 1Page - Maxim Integrated Products LMX331 Datasheet HTML 2Page - Maxim Integrated Products LMX331 Datasheet HTML 3Page - Maxim Integrated Products LMX331 Datasheet HTML 4Page - Maxim Integrated Products LMX331 Datasheet HTML 5Page - Maxim Integrated Products LMX331 Datasheet HTML 6Page - Maxim Integrated Products LMX331 Datasheet HTML 7Page - Maxim Integrated Products LMX331 Datasheet HTML 8Page - Maxim Integrated Products LMX331 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
General-Purpose, Low-Voltage,
Single/Dual/Quad, Tiny-Pack Comparators
8
_______________________________________________________________________________________
1) Find output voltage when output is high:
VOUT(HIGH) = VDD - ILOAD ✕ RL
2) Find the trip points of the comparator using these
formulas:
VTH = VREF + ((VOUT(HIGH) - VREF)R2) / (R1 + R2)
VTL = VREF(1 - (R2 / (R1 + R2)))
where VTH is the threshold voltage at which the com-
parator switches its output from high to low as VIN rises
above the trip point, and VTL is the threshold voltage at
which the comparator switches its output from low to
high as VIN drops below the trip point.
3) The hysteresis band will be:
VHYST = VTH - VTL = VDD(R2 / (R1 + R2))
In this example, let VDD = 5V, VREF = 2.5V, ILOAD =
50nA, RL = 5.1k
Ω:
VOUT(HIGH) = 5.0V - (50 ✕ 10-9 ✕ 5.1 ✕ 103
Ω) ≈ 5.0V
VTH = 2.5V + 2.5V(R2 / (R1 + R2))
VTL = 2.5V(1 - (R2 / (R1 + R2)))
Select R2. In this example, we will choose 1k
Ω.
Select VHYST. In this example, we will choose 50mV.
Solve for R1:
VHYST = VOUT(HIGH)(R2 / (R1 + R2)) V
0.050V = 5(1000 / (R1 + 1000)) V
where R1
≈ 100kΩ, VTH = 2.525V, and VTL = 2.475V.
Choose R1 and R2 to be large enough as not to exceed
the amount of current the reference can supply.
The source current required is VREF / (R1 + R2).
The sink current is (VOUT(HIGH) - VREF) ✕ (R1 + R2).
Choose RL to be large enough to avoid drawing excess
current, yet small enough to supply the necessary cur-
rent to drive the load. RL should be between 1k
Ω and
10k
Ω.
Board Layout and Bypassing
Use 0.1µF bypass capacitors from VDD to VSS. To max-
imize performance, minimize stray inductance by
putting this capacitor close to the VDD pin and reduc-
ing trace lengths. For slow-moving input signals (rise
time > 1ms), use a 1nF capacitor between IN+ and IN-
to reduce high-frequency noise.
Chip Information
LMX331/LMX331H TRANSISTOR COUNT: 112
LMX393/LMX393H TRANSISTOR COUNT: 211
LMX339/LMX339H TRANSISTOR COUNT: 411
LMX331
R1
R2
IN+
IN-
VDD
VOUT
VSS
VREF
VIN
VDD
OUT
RL
Figure 2. Adding Hysteresis with External Resistors
Package Information
For the latest package outline information and land patterns, go
to www.maxim-ic.com/packages. Note that a “+”, “#”, or “-” in
the package code indicates RoHS status only. Package draw-
ings may show a different suffix character, but the drawing per-
tains to the package regardless of RoHS status.
PACKAGE
TYPE
PACKAGE
CODE
DOCUMENT
NO.
LAND
PATTERN NO.
5 SC70
X5+1
21-0076
90-0188
5 SOT23
U5+2
21-0057
90-0174
8 SOT23
K8F+4
21-0078
90-0176
8 µMAX
U8+1
21-0036
90-0092
14 TSSOP
U16M+1
21-0066
90-0117
14 SOIC
S8+4
21-0041
90-0041



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com