Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LMX331 Datasheet(PDF) 5 Page - Maxim Integrated Products

Part # LMX331
Description  General-Purpose, Low-Voltage, Single/Dual/Quad, Tiny-Pack Comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

LMX331 Datasheet(HTML) 5 Page - Maxim Integrated Products

  LMX331 Datasheet HTML 1Page - Maxim Integrated Products LMX331 Datasheet HTML 2Page - Maxim Integrated Products LMX331 Datasheet HTML 3Page - Maxim Integrated Products LMX331 Datasheet HTML 4Page - Maxim Integrated Products LMX331 Datasheet HTML 5Page - Maxim Integrated Products LMX331 Datasheet HTML 6Page - Maxim Integrated Products LMX331 Datasheet HTML 7Page - Maxim Integrated Products LMX331 Datasheet HTML 8Page - Maxim Integrated Products LMX331 Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
General-Purpose, Low-Voltage,
Single/Dual/Quad, Tiny-Pack Comparators
_______________________________________________________________________________________
5
0
30
20
10
40
50
60
70
80
90
100
13
2
456
LMX331
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
VOUT = HIGH
TA = +125
°C
TA = +85
°C
TA = +25
°C
TA = -40
°C
0
40
20
100
80
60
160
140
120
180
13
2
456
LMX331
SUPPLY CURRENT vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
TA = +125
°C
VOUT = LOW
TA = +85
°C
TA = +25
°C
TA = -40
°C
-1.0
-0.5
0.5
0
1.0
1.5
-40
0
20
-20
40
60
80
100 120
INPUT OFFSET VOLTAGE
vs. TEMPERATURE
TEMPERATURE (
°C)
VDD = 2.7V
VDD = 5.0V
VDD = 1.8V
0
40
20
80
60
120
100
140
OUTPUT LOW VOLTAGE vs. SINK CURRENT
SINK CURRENT (mA)
01234
VDD = 2.7V
VDD = 5.0V
VDD = 1.8V
60
70
80
90
100
110
120
-40
0
-20
20
40
60
80
100 120
OUTPUT LOW VOLTAGE vs. TEMPERATURE
TEMPERATURE (
°C)
IOUT = 4mA
0
200
100
400
300
500
600
040
60
20
80
100
120
PROPAGATION DELAY vs. CAPACITIVE LOAD
CAPACITIVE LOAD (pF)
tPLH
tPHL
0
25
75
50
125
150
100
175
-40
0
20
-20
40
60
80
100 120
PROPAGATION DELAY vs. TEMPERATURE
TEMPERATURE (
°C)
tPLH
tPHL
0
150
100
50
200
250
300
350
400
450
500
050
25
75
100
125
150
PROPAGATION DELAY
vs. INPUT OVERDRIVE (tPLH)
INPUT OVERDRIVE (mV)
TA = +125
°C
TA = +85
°C
TA = +25
°C
TA = -40
°C
0
60
40
20
80
100
120
140
160
180
200
050
25
75
100
125
150
PROPAGATION DELAY
vs. INPUT OVERDRIVE (tPHL)
INPUT OVERDRIVE (mV)
TA = +125
°C
TA = +85
°C
TA = +25
°C
TA = -40
°C
Typical Operating Characteristics
(VDD = 5V, VSS = 0V, VCM = 0V, RL = 5.1k
Ω, CL = 10pF, overdrive = 100mV, TA = +25°C, unless otherwise noted.)



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com