Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TLFGE18TP Datasheet(PDF) 1 Page - Toshiba Semiconductor

Part # TLFGE18TP
Description  Panel Circuit Indicator
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOSHIBA [Toshiba Semiconductor]
Direct Link  http://www.semicon.toshiba.co.jp/eng
Logo TOSHIBA - Toshiba Semiconductor

TLFGE18TP Datasheet(HTML) 1 Page - Toshiba Semiconductor

  TLFGE18TP Datasheet HTML 1Page - Toshiba Semiconductor TLFGE18TP Datasheet HTML 2Page - Toshiba Semiconductor TLFGE18TP Datasheet HTML 3Page - Toshiba Semiconductor TLFGE18TP Datasheet HTML 4Page - Toshiba Semiconductor TLFGE18TP Datasheet HTML 5Page - Toshiba Semiconductor TLFGE18TP Datasheet HTML 6Page - Toshiba Semiconductor TLFGE18TP Datasheet HTML 7Page - Toshiba Semiconductor TLFGE18TP Datasheet HTML 8Page - Toshiba Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
TL(PGE,FGE,GE,PYE)18TP(F)
2009-01-26
1
TOSHIBA InGaAℓP LED
TLPGE18TP(F),TLFGE18TP(F),TLGE18TP(F),TLPYE18TP(F)
Panel Circuit Indicator
• φ5mm package
• InGaAℓP technology
• Transparent lens
• Lineup: 3 colors (pure green, green, pure yellow)
• High intensity light emission
• Excellent low current light output
• Stopper lead type is also available
TLPGE18T(F), TLFGE18T(F), TLGE18T(F), TLPYE18T(F)
• Applications : Various types of information panels, backlightings, etc.
Lineup
Product Name
Color
Material
TLPGE18TP(F)
Pure Green
TLFGE18TP(F)
Green
TLGE18TP(F)
Green
TLPYE18TP(F)
Pure Yellow
P
InGaAl
Unit: mm
JEDEC
―
JEITA
―
TOSHIBA
4-5AN2
Weight: 0.31 g (typ.)
For part availability and ordering information please call Toll Free: 800.984.5337
Website: www.marktechopto.com | Email: info@marktechopto.com
Optoelectronics
Marktech


Similar Part No. - TLFGE18TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLFGE18TP TOSHIBA-TLFGE18TP Datasheet
206Kb / 7P
Panel Circuit Indicator
TLFGE18TPF TOSHIBA-TLFGE18TPF Datasheet
206Kb / 7P
Panel Circuit Indicator
More results

Similar Description - TLFGE18TP

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLWJ1100 TOSHIBA-TLWJ1100 Datasheet
278Kb / 9P
Panel Circuit Indicator
TLFGE19CP TOSHIBA-TLFGE19CP Datasheet
205Kb / 3P
Panel Circuit Indicator
TLRH1032 TOSHIBA-TLRH1032 Datasheet
302Kb / 17P
Panel Circuit Indicator
TLRH1106 TOSHIBA-TLRH1106 Datasheet
327Kb / 14P
Panel Circuit Indicator
TLGU13CP TOSHIBA-TLGU13CP Datasheet
257Kb / 7P
Panel Circuit Indicator
TLGU53T TOSHIBA-TLGU53T_07 Datasheet
266Kb / 9P
Panel Circuit Indicator
TLOU123 TOSHIBA-TLOU123_07 Datasheet
193Kb / 6P
Panel Circuit Indicator
TLOU180P TOSHIBA-TLOU180P_07 Datasheet
201Kb / 6P
Panel Circuit Indicator
TLOU267 TOSHIBA-TLOU267_07 Datasheet
180Kb / 4P
Panel Circuit Indicator
TLRM1108 TOSHIBA-TLRM1108 Datasheet
328Kb / 15P
Panel Circuit Indicator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com