Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7057ASE Datasheet(PDF) 7 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 7 Page - Maxim Integrated Products

Back Button MAX7057ASE Datasheet HTML 3Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 4Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 5Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 6Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 7Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 8Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 9Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 10Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 11Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
_______________________________________________________________________________________
7
Typical Operating Characteristics (continued)
(50
Ω system impedance, VAVDD = VDVDD = VPAVDD = +2.1V to +3.6V, fRF = 300MHz to 450MHz, TA = -40°C to +125°C, unless oth-
erwise noted. Typical values are at VAVDD = VDVDD = VPAVDD = +2.7V, TA = +25°C, unless otherwise noted.)
EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
13
11
17
21
25
9
15
19
23
2.1
3.6
fRF = 315MHz
50% DUTY CYCLE
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
15
20
25
30
35
10
2.1
3.6
fRF = 433.92MHz
PA ON
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C
EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
11
13
15
17
19
21
23
9
2.1
3.6
fRF = 433.92MHz
50% DUTY CYCLE
TA = +85
°C
TA = +25
°C
TA = +125
°C
TA = -40
°C
-76
-56
-66
-36
-46
-16
-26
-6
+14
+4
+24
FSK SPECTRUM
100kHz DEVIATION, 4kHz SQUARE-WAVE
MODULATION. SPAN = 1.00MHz
RBW = 10kHz
VBW = 10kHz
VIDEO AVG ON
-10
-4
-6
-8
-2
0
2
4
6
8
10
2.1
2.7
2.4
3.0
3.3
3.6
FREQUENCY STABILITY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
fRF = 433.92MHz
fRF = 315MHz
EFFICIENCY
vs. SUPPLY VOLTAGE
SUPPLY VOLTAGE (V)
3.3
3.0
2.7
2.4
15
20
25
30
35
10
2.1
3.6
fRF = 315MHz
PA ON
TA = +85
°C
TA = +125
°C
TA = +25
°C
TA = -40
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com