Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MAX7057ASE Datasheet(PDF) 1 Page - Maxim Integrated Products

Part # MAX7057ASE
Description  300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX7057ASE Datasheet(HTML) 1 Page - Maxim Integrated Products

  MAX7057ASE Datasheet HTML 1Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 2Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 3Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 4Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 5Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 6Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 7Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 8Page - Maxim Integrated Products MAX7057ASE Datasheet HTML 9Page - Maxim Integrated Products Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
General Description
The MAX7057 frequency-programmable UHF transmit-
ter is designed to transmit ASK/FSK data at a wide
range of frequencies from 300MHz to 450MHz. The
MAX7057 has internal tuning capacitors at the output of
the power amplifier that are programmable for match-
ing to an antenna or load. This allows the user to
change to a new frequency and match the antenna at
the new frequency simultaneously. The MAX7057 trans-
mits at a data rate up to 100kbps nonreturn-to-zero
(NRZ) (50kbps Manchester coded). Typical transmitted
power into a 50
Ω load is +9.2dBm with a +2.7V supply.
The device operates from +2.1V to +3.6V and typically
draws under 12.5mA of current in FSK mode (8.5mA in
ASK mode) when the antenna-matching network is
designed to operate over the 315MHz to 433.92MHz
frequency range. For narrower operating frequency
ranges, the matching network can be redesigned to
improve efficiency. The standby current is less than
1µA at room temperature.
The MAX7057 reference frequency from the crystal
oscillator is multiplied by a fully integrated fractional-N
phase-locked loop (PLL). The multiplying factor of the
PLL is set by a 16-bit number, with 4 bits for integer
and 12 bits for fraction; the multiplying factor can be
anywhere between 19 and 28. The 12-bit fraction in the
synthesizer sets a tuning resolution equal to the refer-
ence frequency divided by 4096; frequency deviation
can be set as low as ±2kHz and as high as ±100kHz.
The fractional-N synthesizer eliminates the problems
associated with oscillator-pulling FSK signal generation.
The MAX7057 has a serial peripheral interface (SPI™)
for selecting all the necessary settings.
The MAX7057 is available in a 16-pin SO package and
is specified to operate in the -40°C to +125°C automo-
tive temperature range.
Applications
RF Remote Controls
Garage Door Openers
Home Automation
Automotive
Wireless Sensors
Wireless Game Consoles
Wireless Computer Peripherals
Security Systems
Features
o Programmable Frequency Operation with Single
Crystal
o Internal Variable Capacitor for Antenna Tuning
with Single-Matching Network
o 100kbps Data Rate (NRZ)
o +2.1V to +3.6V Single-Supply Operation
o < 12.5mA (FSK), < 8.5mA (ASK) DC Current Drain
o < 1µA Standby Current
o ASK/FSK Modulation
o 47% Carrier Tuning Range Using One Crystal
300MHz to 450MHz Frequency-Programmable
ASK/FSK Transmitter
________________________________________________________________
Maxim Integrated Products
1
Pin Configuration
Ordering Information
19-4093; Rev 1; 4/11
For pricing, delivery, and ordering information, please contact Maxim Direct at 1-888-629-4642,
or visit Maxim’s website at www.maxim-ic.com.
EVALUATION
KIT
AVAILABLE
+
Denotes a lead(Pb)-free package/RoHs-compliant package.
PART
TEMP RANGE
PIN-PACKAGE
MAX7057ASE+
-40°C to +125°C
16 SO
Typical Application Circuit and Functional Diagram appear
at end of data sheet.
SPI is a trademark of Motorola, Inc.
DGND
DIN
PAGND
1
+
2
DVDD
GPO
SDI
SCLK
CS
TOP VIEW
3
4
AGND
XTAL1
XTAL2
PAVDD
AVDD
5
ENABLE
PAOUT
ROUT 6
7
8
MAX7057
14
13
16
15
12
11
10
9


Similar Part No. - MAX7057ASE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX7057ASE MAXIM-MAX7057ASE Datasheet
204Kb / 19P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
More results

Similar Description - MAX7057ASE

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX1479 MAXIM-MAX1479 Datasheet
635Kb / 11P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 0; 8/04
MAX1472 MAXIM-MAX1472_05 Datasheet
239Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 1; 4/05
MAX1479 MAXIM-MAX1479_09 Datasheet
270Kb / 10P
300MHz to 450MHz Low-Power, Crystal-Based 10dBm ASK/FSK Transmitter
Rev 1; 6/09
MAX7060 MAXIM-MAX7060 Datasheet
2Mb / 30P
280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 0; 2/10
MAX7057 MAXIM-MAX7057 Datasheet
204Kb / 19P
300MHz to 450MHz Frequency-Programmable ASK/FSK Transmitter
Rev 0; 5/08
logo
Micrel Semiconductor
MICRF113 MICREL-MICRF113_11 Datasheet
677Kb / 21P
300MHz to 450MHz 10dBm ASK Transmitter in SOT23
logo
Maxim Integrated Produc...
MAX7060 MAXIM-MAX7060_12 Datasheet
1Mb / 31P
280MHz to 450MHz Programmable ASK/FSK Transmitter
Rev 1; 3/12
MAX1472 MAXIM-MAX1472_12 Datasheet
170Kb / 9P
300MHz-to-450MHz Low-Power, Crystal-Based ASK Transmitter
Rev 4; 6/12
logo
Micrel Semiconductor
MAQRF112 MICREL-MAQRF112 Datasheet
470Kb / 15P
Automotive, 300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
MICRF112 MICREL-MICRF112_13 Datasheet
891Kb / 21P
300MHz to 450MHz, 10dBm, 1.8V to 3.6V, ASK/FSK Transmitter with Shutdown
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com