Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

B5817WS Datasheet(PDF) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

Part # B5817WS
Description  SCHOTTKY BARRIER DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PFS [Shenzhen Ping Sheng Electronics Co., Ltd.]
Direct Link  http://ps-pfs.en.alibaba.com/
Logo PFS - Shenzhen Ping Sheng Electronics Co., Ltd.

B5817WS Datasheet(HTML) 1 Page - Shenzhen Ping Sheng Electronics Co., Ltd.

  B5817WS Datasheet HTML 1Page - Shenzhen Ping Sheng Electronics Co., Ltd. B5817WS Datasheet HTML 2Page - Shenzhen Ping Sheng Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
B5817WS-B5819WS
SCHOTTKY BARRIER DIODE
Case: Molded plastic body
Terminals: Plated leads solderable per MIL-STD-750,
Method 2026
Polarity: Polarity symbols marked on case
Marking: B5817W:SJ, B5818W:SK, B5819W:SL
FEATURES
MECHANICAL DATA
For use in low voltage, high frequency inverters
Free wheeling, and polanty protection applications
Electrical ratings @TA=25C
SYMBOLS
Test conditions
V(BR)
Reverse breakdown voltage
Reverse voltage leakage current
Forward voltage
Diode capacitance
PARAMETER
Min.
Max.
Unit
V
V
V
IR=1mA
0.45
0.75
0.55
0.875
0.6
0.9
120
1
25
625
200
625
-65 to +150
30
Maximum ratings and electrical characteristics, Single diode @TA=25C
SYMBOLS
UNITS
VRRM
VRWM
VR
Peak repetitive peak reverse voltage
Working peak
DC Blocking voltage
RMS Reverse voltage
Average rectified output current
Peak forward surge current @=8.3ms
Repetitive peak forward current
Power dissipation
Thermal resistance junction to ambient
Storage temperature
Non-Repetitive peak reverse voltage
TSTG
VRM
V
V
A
A
mA
mW
K/W
C
V
B5818WS
30
21
VR(RMS)
IO
Pd
PARAMETER
IFSM
RΘJA
IR
20
30
40
pF
IFRM
B5817WS
B5819WS
20
40
14
28
20
40
CD
VF
1
mA
V
V
V
VR=4V,f=1.0MHz
B5817WS
B5818WS
B5819WS
VR=20V
VR=30V
VR=40V
B5817WS
B5818WS
B5819WS
IF=1A
IF=3A
B5817WS
B5818WS
B5819WS
SOD-323
1.35(0.053)
1.15(0.045)
1.00(.040)
0.80(.031)
.08(.003)
MIN
.177(.007)
.089(.003)
0.4(0.016)
.25(0.010)
1.26(.050)
1.24(.048)
.305(0.012)
.295(0.010)
0.1(0.004)
MIN
.72(0.028)
.69(0.027)
1.80(0.071)
1.60(0.063)
2.70(0.106)
2.30(0.091)
1.80(0.071)
1.60(0.063)
2.70(0.106)
2.30(0.091)
Dimensions in millimeters and (inches)
www.ps-pfs.com


Similar Part No. - B5817WS

ManufacturerPart #DatasheetDescription
logo
Jiangsu Changjiang Elec...
B5817WS JIANGSU-B5817WS Datasheet
28Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Weitron Technology
B5817WS WEITRON-B5817WS Datasheet
369Kb / 3P
Surface Mount Schottky Barrier Diodes
logo
Galaxy Semi-Conductor H...
B5817WS BILIN-B5817WS Datasheet
244Kb / 4P
Schottky Barrier Diode
logo
Micro Commercial Compon...
B5817WS MCC-B5817WS Datasheet
318Kb / 3P
1 Amp Schottky Barrier Rectifier 20 - 40 Volts
B5817WS MCC-B5817WS Datasheet
332Kb / 3P
For Use in Low Voltage, High Frequency Inverters High Surge Current Capability
More results

Similar Description - B5817WS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1PS74SB43 PHILIPS-1PS74SB43 Datasheet
49Kb / 8P
Schottky barrier diode
1999 Dec 10
1PS79SB62 PHILIPS-1PS79SB62 Datasheet
56Kb / 8P
Schottky barrier diode
2001 Jan 18
logo
Vishay Siliconix
BAS85 VISHAY-BAS85 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
BAS86 VISHAY-BAS86 Datasheet
51Kb / 4P
Schottky Barrier Diode
01-Apr-99
logo
Diodes Incorporated
BAT46 DIODES-BAT46 Datasheet
49Kb / 1P
SCHOTTKY BARRIER DIODE
DS11002 Rev. E-2
SD103A DIODES-SD103A Datasheet
66Kb / 3P
SCHOTTKY BARRIER DIODE
DS11009 Rev. 11 - 2
logo
ON Semiconductor
NSR0230P2T5G ONSEMI-NSR0230P2T5G Datasheet
42Kb / 3P
Schottky Barrier Diode
October, 2006 ??Rev. 0
logo
Unisonic Technologies
RB520S30 UTC-RB520S30 Datasheet
38Kb / 3P
SCHOTTKY BARRIER DIODE
logo
Champion Microelectroni...
CMS-S060-060 CHAMP-CMS-S060-060 Datasheet
21Kb / 1P
SCHOTTKY BARRIER DIODE
logo
Shindengen Electric Mfg...
DF20NC15 SHINDENGEN-DF20NC15 Datasheet
641Kb / 2P
Schottky Barrier Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com