Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM20 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SAM20
Description  HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SAM20 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SAM20 Datasheet HTML 1Page - Solid States Devices, Inc SAM20 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0019C
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SAM __ __ __
Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
Package
___ = Axial Leaded
SMS = Surface Mount Square Tab
Voltage
15 = 1500
20 = 2000
25 = 2500
30 = 3000
35 = 3500
40 = 4000
SAM15 – SAM40
and
SAM15SMS – SAM40SMS
2 Amp
1500 ─ 4000 VOLTS
5 µsec
HIGH VOLTAGE
RECTIFIER
FEATURES:
Standard Recovery: 5 µsec Maximum
PIV to 4000 Volts
Hermetically Sealed
Void-Free Construction
Metallurgically Bonded
175°C Maximum Operating Temperature
TX, TXV, and Space Level Screening Available 2/
ELECTRICAL CHARACTERISTICS (at 25°C unless otherwise specified)
Part
Number
Peak
Inverse
Voltage
Average
Rectifier
Current
Maximum
Reverse Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(1 Cycle)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Resistance
Symbol
PIV
IO
IR
VF
IFSM
tRR
CJ
RθJL / RθJE
Units
V
A
A
μA
V
A
μs
pF
°C/W
Conditions
25°C
100°C
@ PIV
25°C
@ PIV
100°C
@ IO
IF= .5 A
IR= 1 A
IRR= .25 A
VR= 100 V
fT= 1 MHZ
RθJL: L=3/8”
RθJE: L=0”
SAM15
1500
2
1.5
1.0
25
5.5
60
5
15
12
SAM20
2000
2
1.5
1.0
25
5.5
60
5
15
12
SAM25
2500
2
1.5
1.0
25
5.5
60
5
15
12
SAM30
3000
2
1.5
1.0
25
5.5
60
5
15
12
SAM35
3500
2
1.5
1.0
25
5.5
60
5
15
12
SAM40
4000
2
1.5
1.0
25
5.5
60
5
15
12
SAM15SMS
1500
2
1.7
1.0
25
5.5
60
5
15
6
SAM20SMS
2000
2
1.7
1.0
25
5.5
60
5
15
6
SAM25SMS
2500
2
1.7
1.0
25
5.5
60
5
15
6
SAM30SMS
3000
2
1.7
1.0
25
5.5
60
5
15
6
SAM35SMS
3500
2
1.7
1.0
25
5.5
60
5
15
6
SAM40SMS
4000
2
1.7
1.0
25
5.5
60
5
15
6
1/ For Ordering Information, Price, Operating Curves and Availability – Contact
Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or immersion
in a suitable dielectric material.
4/ Max. forward voltage measured with instantaneous forward pulse of 300µsec
minimum.
5/ Max. end tab temp. for soldering is 250°C for 5 sec maximum.
6/ Operating and storage temperature: -65°C to +175°C.
Axial
SMS


Similar Part No. - SAM20

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SAM20F SSDI-SAM20F Datasheet
132Kb / 2P
HIGH VOLTAGE RECTIFIER
SAM20FSMS SSDI-SAM20FSMS Datasheet
132Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Microchip Technology
SAM20G MICROCHIP-SAM20G Datasheet
6Mb / 731P
Low-Power, 32-bit Cortex-M0 MCUs with 12-bit ADC, 10-bit DAC, 256-Channel PTC, RTC, and SERCOM
Revision F - 03/2022
logo
Solid States Devices, I...
SAM20HF SSDI-SAM20HF Datasheet
92Kb / 2P
HIGH VOLTAGE HYPER FAST RECTIFIER
SAM20HFS SSDI-SAM20HFS Datasheet
92Kb / 2P
HIGH VOLTAGE HYPER FAST RECTIFIER
More results

Similar Description - SAM20

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
HIGH VOLTAGE RECTIFIER
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com