Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SAM70F Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SAM70F
Description  HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SAM70F Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SAM70F Datasheet HTML 1Page - Solid States Devices, Inc SAM70F Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-7855 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SAM __
__
__ __
│
│
│
│
│
│
│
│
│
│
│
│
└ Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
│
│
│
│
│
│
└
Package
___ = Axial
SMS = Surface Mount Square Tab
│
│
│
└
Recovery Time
F = Fast Recovery
UF = Ultra Fast Recovery
└ Voltage
50 = 5000
60 = 6000
70 = 7000
80 = 8000
90 = 9000
SAM50F thru SAM90F
and
SAM50UF thru SAM90UF
0.5 Amp
5000-9000 VOLTS
60-150 nsec
HIGH VOLTAGE
RECTIFIER
FEATURES:
Fast Recovery: 60-150 nsec Maximum
PIV to 9000 Volts
Hermetically Sealed
Void-Free Construction
Metallurgically Bonded
175°C Maximum Operating Temperature
TX, TXV, and Space Level Screening Available 2/
ELECTRICAL CHARACTERISTICS (at 25°C unless otherwise specified)
Part
Number
Peak
Inverse
Voltage
Average
Rectifier
Current
Maximum
Reverse Current
Maximum
Forward
Voltage
Maximum
Surge
Current
(1 Cycle)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical Thermal
Resistance
Symbol
PIV
IO
IR
VF
IFSM
tRR
CJ
RθJL
RθJE
Units
V
mA
μA
V
A
nsec
pF
°C/W
°C/W
Conditions
25°C
100°C
@ PIV
25°C
@ PIV
100°C
@ IO
IF= .5 A
IR= 1 A
IRR= .25 A
VR= 100 V
fT= 1 MHZ
L=3/8”
L=0”
SAM50F
5000
500
300
1.0
15
13
25
150
10
21
12
SAM60F
6000
500
300
1.0
15
13
25
150
10
21
12
SAM70F
7000
500
300
1.0
15
13
25
150
10
21
12
SAM80F
8000
500
300
1.0
15
13
25
150
10
21
12
SAM90F
9000
500
300
1.0
15
13
25
150
10
21
12
SAM50UF
5000
400
250
1.0
15
14
25
60
10
21
12
SAM60UF
6000
400
250
1.0
15
14
25
60
10
21
12
SAM70UF
7000
400
250
1.0
15
14
25
60
10
21
12
SAM80UF
8000
400
250
1.0
15
14
25
60
10
21
12
SAM90UF
9000
400
250
1.0
15
14
25
60
10
21
12
1/ For Ordering Information, Price, and Availability – Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or
immersion in a suitable dielectric material.
4/ Max. forward voltage measured with instantaneous forward pulse of
300µsec minimum.
5/ Max. end tab temp. for soldering is 250°C for 5 sec maximum.
6/ Operating and storage temperature: -65°C to +175°C.
Axial
SMS
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0031E
DOC


Similar Part No. - SAM70F

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SAM7-P256 ETC2-SAM7-P256 Datasheet
2Mb / 21P
SAM7-P256 development board Users Manual
logo
ATMEL Corporation
SAM7L128 ATMEL-SAM7L128_14 Datasheet
2Mb / 549P
AT91SAM ARM-based Flash MCU
SAM7S128 ATMEL-SAM7S128 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM7S128 ATMEL-SAM7S128_14 Datasheet
4Mb / 775P
ARM-based Flash MCU
SAM7S16 ATMEL-SAM7S16 Datasheet
4Mb / 775P
ARM-based Flash MCU
More results

Similar Description - SAM70F

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Voltage Multipliers Inc...
M180UFG VMI-M180UFG Datasheet
66Kb / 1P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com