Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT4100 Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SFT4100
Description  HIGH SPEED NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT4100 Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SFT4100 Datasheet HTML 1Page - Solid States Devices, Inc SFT4100 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0105B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SFT4100 Series
Electrical Characteristic
4/
Symbol
Min
Typ
Max
Units
Collector – Emitter Breakdown Voltage
IC = 200mA
BVCEO
165
200
––
Volts
Collector – Base Breakdown Voltage
IC = 200µA
BVCBO
-
250
––
Volts
Emitter – Base Breakdown Voltage
IE = 50mA
BVEBO
7
15
––
Volts
Collector – Cutoff Current
VCE = 160 V
ICEO
––
0.03
1000
uA
Collector – Cutoff Current
VCE = 250 V, VEB = 1.5 V
VCE =250V, VEB =1.5V, TC= 125C
ICEX
––
0.01
1.0
1000
5000
uA
Emitter – Cutoff Current
VEB = 5 V
IEBO
––
0.01
1000
uA
DC Current Gain *
VCE = 4V, IC = 5A
VCE = 4V, IC = 8A
hFE
15
8
30
30
45
––
––
Collector – Emitter Saturation Voltage *
IC = 5.0A, IB = 500mA
IC = 8.0A, IB = 1.0A
VCE(Sat)
––
––
0.25
0.35
1.2
1.6
Volts
Base – Emitter Saturation Voltage *
IC = 8.0A, IB = 1.0A
VBE(Sat)
––
1.12
2.0
Volts
Current Gain Bandwidth Product
VCE = 15V, IC = 1.0A, f = 10MHz
fT
8
20
––
MHz
Clamped ES/B Collector Current
VClamp = 200V, L = 500 uH
8
A
Safe Operating Area
VCE = 30V, IC = 4.0A, t = 1s
VCE = 135V, IC = 0.15A, t= 1s
SOA1
SOA2
ON Time
tON
––
100
1000
nsec
Storage Time
tS
––
1200
1700
nsec
Fall Time
VCC = 150V,
IC = 8A,
IB1 = IB2 = 1A
tf
––
60
800
nsec
CASE OUTLINES:
TO-3
SMD1
TO-254



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com