Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SFT4100 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SFT4100
Description  HIGH SPEED NPN TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SFT4100 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SFT4100 Datasheet HTML 1Page - Solid States Devices, Inc SFT4100 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: TR0105B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
DESIGNER’S DATA SHEET
Part Number / Ordering Information 1/
SFT4100 __ __
│
│
│
│
│
└ Screening 2/ __ = Not Screen
TX = TX Level
TXV = TXV Level
S
= S Level
└ Package 3/
/3 = TO-3
S1 = SMD1
M = TO254
SFT4100 Series
15 AMP
HIGH SPEED
NPN TRANSISTOR
200 VOLTS
Features:
• Fast Switching, t
f = 60 nsec typ.
• Very Low Leakage and Saturation
• BVCEO 165 Volts Min
• High Linear Gain
• 200ºC Operating Temperature
• Gold Eutectic Die Attach
• Available in hermetic isolated and “hot case” power
packages
• Higher Current Devices Available
Maximum Ratings
Symbol
Value
Units
Collector – Emitter Voltage
VCEO
165
Volts
Collector – Base Voltage
VCBO
250
Volts
Emitter – Base Voltage
VEBO
7
Volts
Continues Collector Current
IC
15
Amps
Base Current
IB
3
Amps
Power Dissipation @ TC = 25ºC
PD
120
W
Operating & Storage Temperature
Top & Tstg
-65 to +200
ºC
Maximum Thermal Resistance
Junction to
Case
RθJC
1.46
ºC/W
NOTES:
* Pulse Test: Pulse Width = 300µsec, Duty Cycle = 2%
1/ For Ordering Information, Price, and Availability Contact Factory.
2/ Screening to MIL-PRF-19500
3/ For Package Outlines Contact Factory.
4/ Unless Otherwise Specified, All Electrical Characteristics @25ºC.
TO-3
SMD1
TO-254


Similar Part No. - SFT4100

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SFT4 EIC-SFT4 Datasheet
42Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
SynSemi, Inc.
SFT4 SYNSEMI-SFT4 Datasheet
34Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
EIC discrete Semiconduc...
SFT4 EIC-SFT4 Datasheet
39Kb / 2P
SUPER FAST RECTIFIER DIODES
logo
Solid States Devices, I...
SFT4300 SSDI-SFT4300 Datasheet
245Kb / 2P
2 AMP 150 VOLTS NPN TRANSISTOR
SFT4300 SSDI-SFT4300 Datasheet
79Kb / 2P
2 AMP, 150 Volts NPN Transistor
More results

Similar Description - SFT4100

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GI5103 GTM-GI5103 Datasheet
414Kb / 3P
NPN HIGH SPEED SWITCHING TRANSISTOR
logo
Solid States Devices, I...
SFT2222A SSDI-SFT2222A Datasheet
176Kb / 3P
NPN High Speed Transistor
SFT5002 SSDI-SFT5002_1 Datasheet
117Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
SFT6678 SSDI-SFT6678_1 Datasheet
205Kb / 3P
NPN High Speed Power Transistor
logo
New Jersey Semi-Conduct...
2N5330 NJSEMI-2N5330 Datasheet
247Kb / 2P
HIGH SPEED NPN TRANSISTOR
logo
Solid States Devices, I...
TR0020E SSDI-TR0020E Datasheet
126Kb / 2P
NPN HIGH SPEED POWER TRANSISTOR
TR0024A SSDI-TR0024A Datasheet
38Kb / 2P
NPN HIGH SPEED TRANSISTOR
TR0027 SSDI-TR0027 Datasheet
44Kb / 2P
HIGH SPEED NPN TRANSISTOR
TR0041 SSDI-TR0041 Datasheet
36Kb / 2P
HIGH SPEED NPN Transistor
TR0105B SSDI-TR0105B Datasheet
150Kb / 2P
HIGH SPEED NPN TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com