Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SHM100 Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SHM100
Description  HIGH VOLTAGE RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SHM100 Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SHM100 Datasheet HTML 1Page - Solid States Devices, Inc SHM100 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number / Ordering Information 1/
SHM _ _ ___ __
L Screening
2/
= None
TX = TX Level
TXV = TXV Level
S = S Level
⏐
⏐
⏐
⏐
L Package
___ = Axial
SMS = Surface Mount Square Tab
⏐
⏐
⏐
⏐
⏐
⏐
⏐
L
Voltage
15 = 1500
20 = 2000
25 = 2500
30 = 3000
40 = 4000
50 = 5000
60 = 6000
80 = 8000
100 = 10000
SHM15 - SHM100
and
SHM15SMS - SHM100SMS
100-250 mA
1500 ─ 10000 VOLTS
5 µsec
HIGH VOLTAGE
RECTIFIER
FEATURES:
•
Standard Recovery: 5 µsec Maximum
•
PIV to 10000 Volts
•
Hermetically Sealed
•
Void-Free Construction
•
Metallurgically Bonded
•
175°C Maximum Operating Temperature
•
TX, TXV, and Space Level Screening Available2/
ELECTRICAL CHARACTERISTICS
Part
Number
Peak
Inverse
Voltage
Average Rectifier
Current
Maximum
Reverse Current
Maximum
Forward
Voltage
Maximum
Surge Current
(1 Cycle)
Maximum
Reverse
Recovery
Time
Maximum
Junction
Capacitance
Typical
Thermal
Impedance
Symbol
PIV
I0
IR @ PIV
VF
IFSM
tRR
CJ
θJL
θJE
Units
mA
μA
Volts
Amps
µsec
pF
100°C
Conditions
Volts
25°C
L
SMS
25°C
100°C
25°C
25°C
25°C
VR = 100V
fT = 1MHZ
°C/W
SHM15
1500
250
185
215
1.0
25
6
15
5
8
65
55
SHM20
2000
250
185
215
1.0
25
6
15
5
8
65
55
SHM25
2500
250
185
215
1.0
25
6
15
5
8
65
55
SHM30
3000
150
110
130
1.0
25
10
10
5
4
65
55
SHM40
4000
150
110
130
1.0
25
10
10
5
4
65
55
SHM50
5000
150
110
130
1.0
25
10
10
5
4
65
55
SHM60
6000
100
75
85
1.0
25
16
5
5
2
65
55
SHM80
8000
100
75
85
1.0
25
16
5
5
2
65
55
SHM100
10000
100
75
85
1.0
25
16
5
5
2
65
55
1/ For Ordering Information, Price, Operating Curves, and Availability –
Contact Factory.
2/ Screening based on MIL-PRF-19500. Screening flows available on request.
3/ Operating and testing over 10,000 V/inch may require encapsulation or
immersion in a suitable dielectric material.
4/ Max. forward voltage measured with instantaneous forward pulse of 300µsec
minimum.
5/ Max. lead temp. for soldering is 250°C, 3/8” from the case for 5 sec
maximum.
6/ Operating and storage temperature: -65°C to +175°C.
7/ Reverse Recovery Test Conditions: IF=50mA, IR=100mA, IRR=25mA,
TA=25°C.
Axial
SMS (Square)
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RV0007B
DOC


Similar Part No. - SHM100

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SHM100 SSDI-SHM100 Datasheet
216Kb / 2P
100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
SHM100F SSDI-SHM100F Datasheet
225Kb / 2P
50-250 mA 1500-14000 VOLTS 150-200 nsec HIGH VOLTAGE RECTIFIER
SHM100F SSDI-SHM100F Datasheet
86Kb / 2P
FAST RECOVERY HIGH VOLTAGE RECTIFIER
SHM100SMS SSDI-SHM100SMS Datasheet
224Kb / 2P
100-250 mA 1500-10000 VOLTS 5 usec HIGH VOLTAGE RECTIFIER
SHM100SMS SSDI-SHM100SMS Datasheet
236Kb / 2P
50-250 mA 1500-14000 VOLTS 200 usec HIGH VOLTAGE RECTIFIER
More results

Similar Description - SHM100

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
R1500 DIODES-R1500 Datasheet
59Kb / 2P
HIGH VOLTAGE RECTIFIER
DS21101 Rev. E-3
logo
List of Unclassifed Man...
R1200F ETC-R1200F Datasheet
89Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
Solid States Devices, I...
SAM50F SSDI-SAM50F_1 Datasheet
175Kb / 2P
HIGH VOLTAGE RECTIFIER
SUM20F SSDI-SUM20F_1 Datasheet
82Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0003F SSDI-RV0003F_15 Datasheet
165Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0027D SSDI-RV0027D_15 Datasheet
84Kb / 2P
HIGH VOLTAGE RECTIFIER
RV0033C SSDI-RV0033C_15 Datasheet
79Kb / 2P
HIGH VOLTAGE RECTIFIER
logo
American Microsemicondu...
2CLG30KV AMMSEMI-2CLG30KV Datasheet
391Kb / 1P
High Voltage Rectifier
logo
STMicroelectronics
STTH16BC065C STMICROELECTRONICS-STTH16BC065C Datasheet
48Kb / 3P
high voltage rectifier
05-Nov-2010
logo
Dongguan Pingjingsemi T...
GP02-10-PJ PJSEMI-GP02-10-PJ Datasheet
789Kb / 3P
HIGH VOLTAGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com