Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK4142II Datasheet(PDF) 2 Page - Sanyo Semicon Device

Part # STK4142II
Description  AF Power Amplifier (Split Power Supply)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4142II Datasheet(HTML) 2 Page - Sanyo Semicon Device

  STK4142II Datasheet HTML 1Page - Sanyo Semicon Device STK4142II Datasheet HTML 2Page - Sanyo Semicon Device STK4142II Datasheet HTML 3Page - Sanyo Semicon Device STK4142II Datasheet HTML 4Page - Sanyo Semicon Device STK4142II Datasheet HTML 5Page - Sanyo Semicon Device STK4142II Datasheet HTML 6Page - Sanyo Semicon Device STK4142II Datasheet HTML 7Page - Sanyo Semicon Device STK4142II Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
STK4142II
No. 2665—2/8
Notes.
For power supply at the time of test, use a constant-voltage power supply
unless otherwise specified.
For measurement of the available time for load short-circuit and output
noise voltage, use the specified transformer power supply shown right.
The output noise voltage is represented by the peak value on rms scale
(VTVM) of average value indicating type. For AC power supply, use an
AC stabilized power supply (50Hz) to eliminate the effect of flicker noise
in AC primary line.
Operating Characteristics at Ta = 25
°C, V
CC = ±26V, RL = 8Ω, Rg = 600Ω, VG = 40dB,
RL : non-inductive load
Parameter
Symbol
Conditions
min
typ
max
Unit
Quiescent current
Icco
VCC = ±31V
20
40
100
mA
Output power
Po (1)
THD = 0.4%,
f = 20Hz to 20kHz
25
W
Po (2)
VCC = ±22V, THD = 1.0%,
RL = 4Ω, f = 1kHz
25
W
Total harmonic distortion
THD
Po = 1.0W, f = 1kHz
0.3
%
Frequency response
fL, fH
Po = 1.0W,
dB
20 to 50k
Hz
Input impedance
ri
Po = 1.0W, f = 1kHz
55
k
Output noise voltage
VNO
VCC = ±31V, Rg = 10kΩ
1.2
mVrms
Neutral voltage
VN
VCC = ±31V
–70
0
+70
mV
Muting voltage
VM
–2
–5
–10
V
+0
–3
Specified Transformer Power Supply
(Equivalent to RP-22)
Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com