Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

STK4142II Datasheet(PDF) 6 Page - Sanyo Semicon Device

Part # STK4142II
Description  AF Power Amplifier (Split Power Supply)
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANYO [Sanyo Semicon Device]
Direct Link  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK4142II Datasheet(HTML) 6 Page - Sanyo Semicon Device

  STK4142II Datasheet HTML 1Page - Sanyo Semicon Device STK4142II Datasheet HTML 2Page - Sanyo Semicon Device STK4142II Datasheet HTML 3Page - Sanyo Semicon Device STK4142II Datasheet HTML 4Page - Sanyo Semicon Device STK4142II Datasheet HTML 5Page - Sanyo Semicon Device STK4142II Datasheet HTML 6Page - Sanyo Semicon Device STK4142II Datasheet HTML 7Page - Sanyo Semicon Device STK4142II Datasheet HTML 8Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
STK4142II
No. 2665—6/8
Description of External Parts
C1, C2
Input filter capacitors
• A filter formed with R3 or R4 can be used to reduce noise at high frequencies.
C3, C4
Input coupling capacitors
• Used to block DC current. When the reactance of the capacitor increases at low frequencies, the dependence of 1/f noise on signal source
resistance causes the output noise to worsen. It is better to decrease the reactance.
• To reduce the pop noise at the time of application of power, it is effective to increase C3, C4 that fix the time constant on the input side and
to decrease C5, C6 on the NF side.
C5, C6
NF capacitors
• These capacitors fix the low cutoff frequency as shown below.
To provide the desired voltage gain at low frequencies, it is better to increase C5. However, do not increase C5 more than needed because
the pop noise level becomes higher at the time of application of power.
C15
Decoupling capacitor
• Used to eliminate the ripple components that mix into the input side from the power line (+VCC).
C11, C12
Bootstrap capacitors
• When the capacitor value is decreased, the distortion is liable to be higher at low frequencies.
C9, C10
Oscillation blocking capacitors
• Must be inserted as close to the IC power supply pins as possible so that the power supply impedance is decreased to operate the IC stably.
• Electrolytic capacitors are recommended for C9, C10.
C14
Capacitor for ripple filter
• Capacitor for the TR10-used ripple filter in the IC system
C7
Oscillation blocking capacitor
• A polyester film capacitor, being excellent in temperature characteristic, frequency characteristic, is recommended for C7.
R3, R4
Resistors for input filter
R1, R2
Input bias resistors
• Used to bias the input pin potential to zero. These resistors fix the input impedance practically.
R5, R9
(R6, R10)
These resistors fix voltage gain VG.
It is recommended to use R5 (R6) = 560
Ω, R9 (R10) = 56kΩ for VG = 40dB.
• To adjust VG, it is desirable to change R5 (or R6).
• When R5 (or R6) is changed to adjust VG, R1 (=R2) =R9 (=R10) must be set to ensure VN balance.
R11, R13
(R12, R14)
Bootstrap resistors
• The quiescent current is set by these resistors 2.2k
Ω + 2.2kΩ. It is recommended to use this resistor value.
R21
Resistor for ripple filter
• (Limiting resistor for predriver transistor at the time of load short)
R18
Used to ensure plus/minus balance at the time of clip.
R19, R20
Resistor for ripple filter
• When muting TR11 is turned ON, current flows from ground to -VCC through TR 11. It is recommended to use 1kΩ (1/2W) + 1kΩ (1/2W)
allowing for the power that may be dissipated on that occasion.
R15, R16
Oscillation blocking resistors
f
L
1
2
π C5 R5
⋅⋅
---------------------------
=
[Hz]



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com