Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5817SM Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPD5817SM
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5817SM Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPD5817SM Datasheet HTML 1Page - Solid States Devices, Inc SPD5817SM Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0111M
DOC
DIMENSIONS
Dimension
Minimum
Maximum
ØA
.090”
.105”
B
.189”
.205”
C
.016”
.022”
Note: Dimensions are prior to solder dipping
Case Outline- Surface Mount Round Tab*
* For information on curves, contact the Factory Representative for Engineering Assistance.
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPD5817SM
Thru
SPD5819SM
ELECTRICAL CHARACTERISTICS
3/
CHARACTERISTICS
SYMBOL
MAXIMUM
UNIT
Instantaneous Forward Voltage
Drop
(IF = 1 Adc, TA = 25°C, 300-500μs
Pulse)
SPD5817SM
SPD5818SM
SPD5819SM
VF1
0.55
0.65
0.70
Vdc
Instantaneous Forward Voltage
Drop
(IF = 1 Adc, TA = -55°C, 300-500μs
Pulse)
SPD5817SM
SPD5818SM
SPD5819SM
VF2
0.57
0.67
0.72
Vdc
Reverse Leakage Current
(Rated VR, TA = 25°C, 300μs Pulse Minimum)
IR1
0.50
mA
Reverse Leakage Current
(Rated VR, TA = 100°C, 300μs Pulse Minimum)
IR2
10
mA
Junction Capacitance
(VR = 5 Vdc, TA = 25°C, f = 1 MHz)
CJ
120
pF



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com