Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPD5817SM Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPD5817SM
Description  SCHOTTKY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPD5817SM Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPD5817SM Datasheet HTML 1Page - Solid States Devices, Inc SPD5817SM Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RS0111M
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information1/
SPD __ __ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
-S = S Level
│
│
│
│
│
└
Package Type
SM = Surface Mount Round Tab
│
│
│
│
│
│
│
│
└ Voltage/Family
5817 = 20V
5818 = 30V
5819 = 40V
SPD5817SM
Thru
SPD5819SM
1 AMP
20 ─ 40 VOLTS
SCHOTTKY RECTIFIER
FEATURES:
• Extremely Low Forward Voltage Drop
• Hermetically Sealed Surface Mount
Package
• For High Efficiency Applications
• High Surge Capability
• Axial Lead Versions Available
TX, TXV, or Space Level Screening
Available2/
MAXIMUM RATINGS 3/
RATING
SYMBOL
VALUE
UNIT
Peak Repetitive Reverse Voltage and DC
Blocking Voltage
SPD5817SM
SPD5818SM
SPD5819SM
VRRM
VRWM
VR
20
30
40
Volts
Average Rectified Output Current
(Resistive Load, 60Hz, Sine Wave, TA=25
°C)
IO
1
Amps
Peak Surge Current 3/
(8.3 ms Pulse, Half Sine Wave,
superimposed on IO, allow junction to reach
equilibrium between pulses, TA=25
°C)
IFSM
25
Amps
Operating and Storage Temperature
TOP & TSTG
-55 to +125
°C
Maximum Thermal Resistance
Junction to End Tab
RθJE
40
°C/W
NOTES:
1/ For ordering information, Price, and Availability- Contact Factory.
2/
Screening based on MIL-PRF-19500. Screening flows available on request
3/
Unless otherwise specified, all electrical ratings/characteristics @ 25
°C.
SURFACE MOUNT ROUND TAB


Similar Part No. - SPD5817SM

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPD5817SM SSDI-SPD5817SM Datasheet
152Kb / 2P
1 AMP 20 - 40 VOLTS SCHOTTKY RECTIFIER
SPD5817SMS SSDI-SPD5817SMS Datasheet
177Kb / 2P
1 AMP 20-40 VOLTS SCHOTTKY RECTIFIER
More results

Similar Description - SPD5817SM

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS130A STMICROELECTRONICS-STPS130A Datasheet
72Kb / 6P
SCHOTTKY RECTIFIER
Jul-1998
logo
International Rectifier
30CTQ80G IRF-30CTQ80G Datasheet
163Kb / 6P
SCHOTTKY RECTIFIER
MBR40L15CW IRF-MBR40L15CW_06 Datasheet
199Kb / 6P
SCHOTTKY RECTIFIER
MBRS140TRPBF IRF-MBRS140TRPBF Datasheet
131Kb / 7P
SCHOTTKY RECTIFIER
MBRS190TRPBF IRF-MBRS190TRPBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
30WQ10FNPBF IRF-30WQ10FNPBF Datasheet
174Kb / 7P
SCHOTTKY RECTIFIER
322CNQ030 IRF-322CNQ030_03 Datasheet
114Kb / 5P
SCHOTTKY RECTIFIER
logo
AUK corp
SDB2040PI AUK-SDB2040PI Datasheet
303Kb / 4P
Schottky Rectifier
logo
International Rectifier
10BQ060PBF IRF-10BQ060PBF Datasheet
115Kb / 6P
SCHOTTKY RECTIFIER
MBRB1035PBF IRF-MBRB1035PBF Datasheet
201Kb / 7P
SCHOTTKY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com