Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMS506-01AF Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # SPMS506-01AF
Description  BATTERY BYPASS POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPMS506-01AF Datasheet(HTML) 2 Page - Solid States Devices, Inc

  SPMS506-01AF Datasheet HTML 1Page - Solid States Devices, Inc SPMS506-01AF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0024B
DOC
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SPMS506-01A Series
ELECTRICAL CHARACTERISTICS
RATING
SYMBOL
MIN
MAX
UNIT
Forward Discharge Voltage
(TA = 25°C )
IF = 20A
IF = 50A
IF = 100A
IF = 150A
VFD1
VFD2
VFD3
VFD4
---
---
---
---
.450
.550
.680
.800
Volts
Forward Discharge Voltage
( IF = 50A )
TA = -55°C
TA = +125°C
VFD5
VFD6
---
---
.650
.480
Volts
Forward Discharge Voltage
(TA = 25°C )
IF = 350mA
IF = 5A
IF = 15A
IF = 30A
IF = 60A
VCD1
VCD2
VCD3
VCD4
VCD5
1.65
---
---
---
---
---
2.9
3.5
4.2
5.3
Amps
Forward Discharge Voltage
( IF = 30A )
TA = -55°C
TA = +125°C
VCD6
VCD7
---
---
4.4
4.0
Amps
Insulation Resistance (All terminals to base @ 1,000V)
RINSUL
1.0
---
GΩ
PACKAGE OUTLINE: ASPM
THREAD SIZE TYPE
Part Number
Thread Type
Thread Size
SPMS506-01A
INCH - MALE
6-32 UNC-2A
SPMS506-01AF
INCH - FEMALE
6-32 UNC-2B
SPMS506-01AM
METRIC - MALE
M4 x 0.7
SPMS506-01AFM
METRIC - FEMALE
M4 x 0.7
Tolerances (Unless Specified)
.XX ±.03”
.XXX ±.010”



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com