Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SPMS506-01AF Datasheet(PDF) 1 Page - Solid States Devices, Inc

Part # SPMS506-01AF
Description  BATTERY BYPASS POWER MODULE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

SPMS506-01AF Datasheet(HTML) 1 Page - Solid States Devices, Inc

  SPMS506-01AF Datasheet HTML 1Page - Solid States Devices, Inc SPMS506-01AF Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: PM0024B
DOC
SPMS506-01A Series
150 AMP DISCHARGE
60 AMP CHARGE
BATTERY BYPASS
POWER MODULE
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
Designer’s Data Sheet
Part Number/Ordering Information 1/
SPMS506-
__ __
└ Screening 2/
__ = Not Screened
TX = TX Level
TXV = TXV
S = S Level
│
│
│
│
│
└ Thread Type
01A = Inch, Male
01AF = Inch, Female
01AM = Metric, Male
01AFM = Metric, Female
FEATURES:
Space Flight Proven Heritage
High Charge/Discharge Current
Low Forward Discharge Voltage (VFD)
Guaranteed Minimum Charge Voltage (VFC)
Compact and Rugged Construction Offering Weight and
Space Savings
Very Low Mechanical Stress and Thermal Resistance
Hermetic Sealed Discrete Elements
Excellent Thermal Management
Available with Male or Female and Inch or Metric
Terminals
TX, TXV, and Space Level Screening Available
ASPM
ELECTRICAL SCHEMATIC
NOTES:
1/ For Ordering Information, Price, Operating Curves, and Availability Contact Factory.
2/
Screening per MIL-PRF-19500.
MAXIMUM RATINGS
CHARACTERISTIC
SYMBOL
VALUE
UNIT
Discharge Current (Schottkys)
ID
150
Amps
Charge Current (Rectifiers)
IC
60
Amps
Discharge Surge Current (Non-Repetitive, t = 8.3 msec Pulse)
IDP
750
Amps
Storage & Operating Temperature Range
TOP & TSTG
-65 to +150
°C
Thermal Resistance, Junction to Base
Discharging Leg
Charging Leg
θJBd
θJBc
0.75
0.45
°C/W


Similar Part No. - SPMS506-01AF

ManufacturerPart #DatasheetDescription
logo
Solid States Devices, I...
SPMS506-01 SSDI-SPMS506-01 Datasheet
58Kb / 2P
150 AMPS DISCHARGE 50 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE
SPMS506-01F SSDI-SPMS506-01F Datasheet
58Kb / 2P
150 AMPS DISCHARGE 50 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE
SPMS506-01FM SSDI-SPMS506-01FM Datasheet
58Kb / 2P
150 AMPS DISCHARGE 50 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE
SPMS506-01M SSDI-SPMS506-01M Datasheet
58Kb / 2P
150 AMPS DISCHARGE 50 AMPS CHARGE CURRENT BATERY BYPASS POWER MODULE
More results

Similar Description - SPMS506-01AF

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
MM054 MICROSEMI-MM054 Datasheet
160Kb / 2P
BATTERY BYPASS CIRCUIT
MM158 MICROSEMI-MM158 Datasheet
207Kb / 2P
BATTERY CELL BYPASS/SHORTING MODULE
logo
Sensitron
SEN-4717 SENSITRON-SEN-4717 Datasheet
62Kb / 3P
SCHOTTKY BATTERY DISCHARGE BYPASS DIODE
logo
Solid States Devices, I...
SPBM505-4.2X1 SSDI-SPBM505-4.2X1 Datasheet
35Kb / 2P
300 AMPS DISCHARGE 20 AMPS CHARGE CURRENT PROGRAMABLE BATTERY BYPASS MODULE
PM0013 SSDI-PM0013 Datasheet
36Kb / 2P
BATTERY BYPASS MODULE
PM0013 SSDI-PM0013_15 Datasheet
36Kb / 2P
BATTERY BYPASS MODULE
logo
Surge Components
MSB12A45S2 SURGE-MSB12A45S2 Datasheet
287Kb / 2P
Bypass Diode Module for Solarcell
logo
GOOD-ARK Electronics
MSB12A45S2L GOOD-ARK-MSB12A45S2L Datasheet
90Kb / 2P
Bypass Diode Module for Solarcell
MSB12A45S3L GOOD-ARK-MSB12A45S3L Datasheet
84Kb / 2P
Bypass Diode Module for Solarcell
MSB15A45S2L GOOD-ARK-MSB15A45S2L Datasheet
92Kb / 2P
Bypass Diode Module for Solarcell
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com