Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP171PL6327 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # BSP171PL6327
Description  SIPMOS Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP171PL6327 Datasheet(HTML) 3 Page - Infineon Technologies AG

  BSP171PL6327 Datasheet HTML 1Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 2Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 3Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 4Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 5Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 6Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 7Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 8Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
BSP171P
Parameter
Symbol Conditions
Unit
min.
typ.
max.
Dynamic characteristics
Input capacitance
C iss
-
365
460
pF
Output capacitance
C oss
-
105
135
Reverse transfer capacitance
C rss
-40
55
Turn-on delay time
t d(on)
-6
8
ns
Rise time
t r
-25
33
Turn-off delay time
t d(off)
-
208
276
Fall time
t f
-
87
130
Gate Charge Characteristics
2)
Gate to source charge
Q gs
-
-1.2
-1.6
nC
Gate to drain charge
Q gd
--5
-7
Gate charge total
Q g
-
-13
-20
Gate plateau voltage
V plateau
--3-
V
Output charge
Q oss
V DD=-15 V, V GS=0 V
--5
-7
Reverse Diode
Diode continuous forward current
I S
-
-
-1.9
A
Diode pulse current
I S,pulse
-
-
-7.6
Diode forward voltage
V SD
V GS=0 V, I F=1.9 A,
T j=25 °C
-
-0.84
-1.1
V
Reverse recovery time
t rr
-
80
120
ns
Reverse recovery charge
Q rr
-
-125
-190
nC
2) See figure 16 for gate charge parameter definition
T A=25 °C
Values
V GS=0 V,
V DS=-25 V, f =1 MHz
V DD=-25 V,
V GS=-10 V,
I D=-1.9 A, R G=6 Ω
V DD=-48 V, I D=1.9 A,
V GS=0 to -10 V
V R=-30 V, I F=|I S|,
di F/dt =100 A/µs
Rev 2.
4
page 3
200
7-02-08



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com