Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BSP171PL6327 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BSP171PL6327
Description  SIPMOS Small-Signal-Transistor
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP171PL6327 Datasheet(HTML) 1 Page - Infineon Technologies AG

  BSP171PL6327 Datasheet HTML 1Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 2Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 3Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 4Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 5Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 6Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 7Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 8Page - Infineon Technologies AG BSP171PL6327 Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
BSP171P
SIPMOS® Small-Signal-Transistor
Features
• P-Channel
• Enhancement mode
• Logic level
• Avalanche rated
• dv /dt rated
• Pb-free lead plating; RoHS compliant
Maximum ratings, at T j=25 °C, unless otherwise specified
Parameter
Symbol Conditions
Unit
Continuous drain current
I D
T A=25 °C
1)
A
T A=70 °C
1)
Pulsed drain current
I D,pulse
T A=25 °C
Avalanche energy, single pulse
E AS
I D=-1.9 A, R GS=25 Ω
mJ
Reverse diode dv /dt
dv /dt
I D=-1.9 A,
V DS=-48 V,
di /dt =-200 A/µs,
T j,max=150 °C
kV/µs
Gate source voltage
V GS
V
Power dissipation
P tot
T A=25 °C
1)
W
Operating and storage temperature
T j, T stg
°C
IEC climatic category; DIN IEC 68-1
55/150/56
-55 ... 150
±20
-6
-1.9
-1.5
1.8
Value
70
-7.6
steady state
V DS
-60
V
R DS(on),max
0.3
Ω
I D
-1.9
A
Product Summary
PG-SOT-223
Type
Package
Tape and Reel Information
Marking
BSP 171 P
PG-SOT-223
L6327
: 1000 pcs/reel
171P
Rev 2.
4
page 1
200
7-02-08


Similar Part No. - BSP171PL6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP171PL6327 INFINEON-BSP171PL6327 Datasheet
621Kb / 9P
SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results

Similar Description - BSP171PL6327

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
SIPMOS Small-Signal-Transistor
2002-01-16
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
SIPMOS Small-Signal-Transistor
2002-07-26
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
SIPMOS Small-Signal-Transistor
05.99
logo
Siemens Semiconductor G...
BSP223 SIEMENS-BSP223 Datasheet
101Kb / 8P
SIPMOS Small-Signal Transistor
logo
Infineon Technologies A...
BSO615CG INFINEON-BSO615CG Datasheet
1Mb / 13P
SIPMOS Small-Signal-Transistor
2006-08-25
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
SIPMOS??Small-Signal-Transistor
05.99
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com