Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4440 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC4440
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC4440 Datasheet HTML 9Page - Linear Technology LTC4440 Datasheet HTML 10Page - Linear Technology LTC4440 Datasheet HTML 11Page - Linear Technology LTC4440 Datasheet HTML 12Page - Linear Technology LTC4440 Datasheet HTML 13Page - Linear Technology LTC4440 Datasheet HTML 14Page - Linear Technology LTC4440 Datasheet HTML 15Page - Linear Technology LTC4440 Datasheet HTML 16Page - Linear Technology LTC4440 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
LTC1154
13
1154fb
TYPICAL APPLICATIONS
Bank Controlled High Side Switches with “Global” Thermal
and Overvoltage Shutdown
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
15V
IRLR024
15V
IRLR024
15V
IRLR024
15V
IRLR024
PTC
THERMISTOR
(100°C)*
15V
120k
+
470μF
12V
100Ω
OUTPUT 1
OUTPUT 2
OUTPUT 3
OUTPUT 4
μP OR
CONTROL
LOGIC
51k
5V
LTC1154 • TA10
*KEYSTONE RL2006-100-100-30-PT.
MOUNT ON COMMON HEAT SINK.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com