Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC4440 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4440
Description  High Side Micropower MOSFET Driver Fully Enhances N-Channel Power MOSFETs
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4440 Datasheet(HTML) 1 Page - Linear Technology

  LTC4440 Datasheet HTML 1Page - Linear Technology LTC4440 Datasheet HTML 2Page - Linear Technology LTC4440 Datasheet HTML 3Page - Linear Technology LTC4440 Datasheet HTML 4Page - Linear Technology LTC4440 Datasheet HTML 5Page - Linear Technology LTC4440 Datasheet HTML 6Page - Linear Technology LTC4440 Datasheet HTML 7Page - Linear Technology LTC4440 Datasheet HTML 8Page - Linear Technology LTC4440 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
LTC1154
1
1154fb
TYPICAL APPLICATION
FEATURES
APPLICATIONS
DESCRIPTION
High Side Micropower
MOSFET Driver
The LTC®1154 single high side gate driver allows using low
cost N-channel FETs for high side switching applications. An
internal charge pump boosts the gate drive voltage above
the positive rail, fully enhancing an N-channel MOS switch
with no external components. Micropower operation, with
8μA standby current and 85μA operating current, allows
use in virtually all systems with maximum efficiency.
Included on chip is programmable overcurrent sensing.
A time delay can be added to prevent false triggering on
high inrush current loads. An active high shutdown input
is also provided and interfaces directly to a standard PTC
thermistor for thermal shutdown. An open-drain output
is provided to report switch status to the μP. An active
low enable input is provided to control multiple switches
in banks.
The LTC1154 is available in both 8-pin DIP and 8-pin SOIC
packages.
Ultralow Voltage Drop High Side Switch with
Short-Circuit Protection
n Fully Enhances N-Channel Power MOSFETs
n 8μA IQ Standby Current
n 85μA IQ ON Current
n No External Charge Pump Capacitors
n 4.5V to 18V Supply Range
n Short-Circuit Protection
n Thermal Shutdown via PTC Thermistor
n Status Output Indicates Shutdown
n Available in 8-Pin SOIC and PDIP Packages
n Laptop Computer Power Switching
n SCSI Termination Power Switching
n Cellular Telephone Power Management
n Battery Charging and Management
n High Side Industrial and Automotive Switching
n Stepper Motor and DC Motor Control
Standby Supply Current
IRLR024
0.036Ω*
LTC1154 • TA01
5V
LOAD
μP
5V
200k**
0.1μF**
2.7A MAX
51k
IN
EN
STATUS
GND
VS
DS
G
SD
LTC1154
ALL COMPONENTS SHOWN ARE SURFACE MOUNT.
IMS026 INTERNATIONAL MANUFACTURING SERVICE, INC. (401) 683-9700
NOT REQUIRED IF LOAD IS RESISTIVE OR INDUCTIVE.
*
**
SUPPLY VOLTAGE (V)
0
0
5
15
20
25
50
35
515
LTC1153 • TA02
10
40
45
30
10
20
VIN = 0V
TJ = 25°C
L, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.


Similar Part No. - LTC4440

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4440 LINER-LTC4440 Datasheet
236Kb / 12P
High Speed, High Voltage High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
212Kb / 12P
High Speed, High Voltage High Side Gate Driver
LTC4440 LINER-LTC4440 Datasheet
199Kb / 16P
N-Channel MOSFET Gate Driver Available in SO-8 and 10-Lead MSOP
logo
Analog Devices
LTC4440 AD-LTC4440 Datasheet
1Mb / 30P
Fast 150V Protected High Side NMOS Static Switch Driver
03/20-REV.E
logo
Linear Technology
LTC4440 LINER-LTC4440 Datasheet
221Kb / 16P
High Speed, High Voltage High Side Gate Driver
More results

Similar Description - LTC4440

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1154 LINER-LTC1154 Datasheet
334Kb / 16P
High-Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155 Datasheet
340Kb / 16P
Dual High Side Micropower MOSFET Driver
LTC1157 LINER-LTC1157 Datasheet
221Kb / 8P
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
logo
Maxim Integrated Produc...
MAX1614 MAXIM-MAX1614 Datasheet
87Kb / 8P
High-Side, N-Channel MOSFET Switch Driver
19-1176; Rev 0; 12/96
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F Datasheet
268Kb / 16P
1 channel High-Side N channel Power MOSFET Gate Driver
logo
Linear Technology
LTC1157 LINER-LTC1157_15 Datasheet
207Kb / 8P
3.3V Dual Micropower High-Side/Low-Side MOSFET Driver
LTC1154 LINER-LTC1154_15 Datasheet
199Kb / 18P
High Side Micropower MOSFET Driver
LTC1155 LINER-LTC1155_15 Datasheet
245Kb / 16P
Dual High Side Micropower MOSFET Driver
logo
Toshiba Semiconductor
TPD7102F TOSHIBA-TPD7102F_13 Datasheet
269Kb / 16P
1 channel High-Side N channel Power MOSFET Gate Driver
TPD7104F TOSHIBA-TPD7104F Datasheet
589Kb / 13P
1 channel High-Side N channel Power MOSFET Gate Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com